Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2120ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP2120ACPZ-R7
Description  2 A/1.25 A, 1.2 MHz, Synchronous, Step-Down DC-to-DC Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2120ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP2120ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2120ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP2120ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP2120ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP2120ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2120ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP2120ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP2120ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP2120ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADP2119/ADP2120
Rev. 0 | Page 12 of 24
CH1 20.0mV CH2 5.00V
CH4 500mA
M4.0µs
A CH4
820mA
T
–40.0ns
1
2
4
T
VOUT (AC)
SW
IL
Figure 34. PFM Mode
CH1 5.0mV CH2 5.00V
CH4 500mA
M1.0µs
A CH2
4.3V
T
–40.0ns
1
2
4
T
VOUT (AC)
SW
IL
Figure 35. Discontinuous Conduction Mode (DCM)
CH1 5.0mV CH2 5.00V
CH4 1.0A
M1.0µs
A CH2
4.3V
T
–40.0ns
1
2
4
T
VOUT (AC)
SW
IL
Figure 36. Continuous Conduction Mode (CCM)
80
–80
–64
–48
–32
–16
0
16
32
48
64
200
–200
–160
–120
–80
–40
0
40
80
120
160
1k
10k
100k
1M
FREQUENCY (Hz)
CROSS FREQUENCY: 124kHz
PHASE MARGIN: 46°
Figure 37. ADP2119 Bode Plot at VIN = 5 V, VOUT = 1.0 V, IO = 2 A,
L = 1 μH, COUT = 2 × 22 μF
80
–80
–64
–48
–32
–16
0
16
32
48
64
200
–200
–160
–120
–80
–40
0
40
80
120
160
1k
10k
100k
1M
FREQUENCY (Hz)
CROSS FREQUENCY: 105kHz
PHASE MARGIN: 47°
Figure 38. ADP2119 Bode Plot at VIN = 5 V, VOUT = 1.2 V, IO = 2 A,
L = 1.5 μH, COUT = 2 × 22 μF
80
–80
–64
–48
–32
–16
0
16
32
48
64
200
–200
–160
–120
–80
–40
0
40
80
120
160
1k
10k
100k
1M
FREQUENCY (Hz)
CROSS FREQUENCY: 112kHz
PHASE MARGIN: 48°
Figure 39. ADP2119 Bode Plot at VIN = 5 V, VOUT = 1.5 V, IO = 2 A,
L = 1.5 μH, COUT = 22 μF +10 μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com