Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR3420ARJZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # ADR3420ARJZ-R2
Description  Micropower, High Accuracy Voltage References
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR3420ARJZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADR3420ARJZ-R2 Datasheet HTML 7Page - Analog Devices ADR3420ARJZ-R2 Datasheet HTML 8Page - Analog Devices ADR3420ARJZ-R2 Datasheet HTML 9Page - Analog Devices ADR3420ARJZ-R2 Datasheet HTML 10Page - Analog Devices ADR3420ARJZ-R2 Datasheet HTML 11Page - Analog Devices ADR3420ARJZ-R2 Datasheet HTML 12Page - Analog Devices ADR3420ARJZ-R2 Datasheet HTML 13Page - Analog Devices ADR3420ARJZ-R2 Datasheet HTML 14Page - Analog Devices ADR3420ARJZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADR3412/ADR3420/ADR3425/ADR3430/ADR3433/ADR3440/ADR3450
Rev. B | Page 11 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
GND FORCE 1
GND SENSE 2
ENABLE 3
VOUT FORCE
6
VOUT SENSE
5
VIN
4
ADR34xx
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 12. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
GND FORCE
Ground Force Connection.1
2
GND SENSE
Ground Voltage Sense Connection. Connect directly to the point of lowest potential in the application.1
3
ENABLE
Enable Connection. Enables or disables the device.
4
VIN
Input Voltage Connection.
5
VOUT SENSE
Reference Voltage Output Sensing Connection. Connect directly to the voltage input of the load devices.1
6
VOUT FORCE
Reference Voltage Output.1
1 See the
section for more information on force/sense connections.
Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com