Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR3420ARJZ-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # ADR3420ARJZ-R2
Description  Micropower, High Accuracy Voltage References
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR3420ARJZ-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADR3420ARJZ-R2 Datasheet HTML 12Page - Analog Devices ADR3420ARJZ-R2 Datasheet HTML 13Page - Analog Devices ADR3420ARJZ-R2 Datasheet HTML 14Page - Analog Devices ADR3420ARJZ-R2 Datasheet HTML 15Page - Analog Devices ADR3420ARJZ-R2 Datasheet HTML 16Page - Analog Devices ADR3420ARJZ-R2 Datasheet HTML 17Page - Analog Devices ADR3420ARJZ-R2 Datasheet HTML 18Page - Analog Devices ADR3420ARJZ-R2 Datasheet HTML 19Page - Analog Devices ADR3420ARJZ-R2 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADR3412/ADR3420/ADR3425/ADR3430/ADR3433/ADR3440/ADR3450
Rev. B | Page 16 of 24
1
2
CIN = CL = 0.1µF
VIN = 3V
RL = 1kΩ
VOUT = 1V/DIV
ENABLE
1V/DIV
TIME = 200µs/DIV
Figure 27. ADR3425 Shutdown Response
1
2
CIN = CL = 0.1µF
VOUT = 10mV/DIV
500mV/DIV
3.2V
2.7V
TIME = 1ms/DIV
Figure 28. ADR3425 Line Transient Response
CIN = 0.1µF
CL = 0.1µF
RL = 250Ω
VOUT = 20mV/DIV
SINKING
SINKING
–3mA
2.5V
+10mA
SOURCING
IL
TIME = 1ms/DIV
Figure 29. ADR3425 Load Transient Response
1
2
CIN = CL = 0.1µF
VIN = 5V
RL = 1kΩ
VOUT = 2V/DIV
ENABLE
2V/DIV
TIME = 200µs/DIV
Figure 30. ADR3450 Shutdown Response
1
2
CIN = CL = 0.1µF
VOUT = 5mV/DIV
VIN = 100mV/DIV
5.5V
5.2V
TIME = 1ms/DIV
Figure 31. ADR3450 Line Transient Response
CIN = 0.1µF
CL = 0.1µF
RL = 500Ω
VOUT = 20mV/DIV
SINKING
SINKING
–3mA
5.0V
+10mA
SOURCING
IL
TIME = 1ms/DIV
Figure 32. ADR3450 Load Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com