Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR3425ARJZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADR3425ARJZ-R7
Description  Micropower, High Accuracy Voltage References
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR3425ARJZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADR3425ARJZ-R7 Datasheet HTML 1Page - Analog Devices ADR3425ARJZ-R7 Datasheet HTML 2Page - Analog Devices ADR3425ARJZ-R7 Datasheet HTML 3Page - Analog Devices ADR3425ARJZ-R7 Datasheet HTML 4Page - Analog Devices ADR3425ARJZ-R7 Datasheet HTML 5Page - Analog Devices ADR3425ARJZ-R7 Datasheet HTML 6Page - Analog Devices ADR3425ARJZ-R7 Datasheet HTML 7Page - Analog Devices ADR3425ARJZ-R7 Datasheet HTML 8Page - Analog Devices ADR3425ARJZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Micropower, High Accuracy
Voltage References
ADR3412/ADR3420/ADR3425/ADR3430/ADR3433/ADR3440/ADR3450
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
Initial accuracy: ±0.1% (maximum)
Maximum temperature coefficient: 8 ppm/°C
Operating temperature range: −40°C to +125°C
Output current: +10 mA source/−3 mA sink
Low quiescent current: 100 μA (maximum)
Low dropout voltage: 250 mV at 2 mA
Output noise (0.1 Hz to 10 Hz): <10 μV p-p at 1.2 V (typical)
6-lead SOT-23
APPLICATIONS
Precision data acquisition systems
Industrial instrumentation
Medical devices
Battery-powered devices
PIN CONFIGURATION
GND FORCE
1
GND SENSE
2
ENABLE
3
VOUT FORCE
6
VOUT SENSE
5
VIN
4
ADR34xx
TOP VIEW
(Not to Scale)
Figure 1. 6-Lead SOT-23
GENERAL DESCRIPTION
The ADR3412/ADR3420/ADR3425/ADR3430/ADR3433/
ADR3440/ADR3450 are low cost, low power, high precision
CMOS voltage references, featuring ±0.1% initial accuracy, low
operating current, and low output noise in a small SOT-23
package. For high accuracy, output voltage and temperature
coefficient are trimmed digitally during final assembly using
Analog Devices, Inc., patented DigiTrim® technology.
Stability and system reliability are further improved by the low
output voltage hysteresis of the device and low long-term output
voltage drift. Furthermore, the low operating current of the
device (100 μA maximum) facilitates usage in low power
devices, and its low output noise helps maintain signal integrity
in critical signal processing systems.
These CMOS are available in a wide range of output voltages, all
of which are specified over the industrial temperature range of
−40°C to +125°C.
Table 1. Selection Guide
Model
Output Voltage (V)
Input Voltage Range (V)
ADR3412
1.200
2.3 to 5.5
ADR3420
2.048
2.3 to 5.5
ADR3425
2.500
2.7 to 5.5
ADR3430
3.000
3.2 to 5.5
ADR3433
3.300
3.5 to 5.5
ADR3440
4.096
4.3 to 5.5
ADR3450
5.000
5.2 to 5.5
Table 2. Voltage Reference Choices from Analog Devices
VOUT
(V)
Low Cost/
Low Power
Ultralow
Power
Low
Noise
High Voltage,
High Perfor-
mance
0.5/1.0
ADR130
1.2
ADR3412
ADR280
2.048
ADR360
REF191
ADR430
ADR3420
ADR440
2.5
ADR3425
ADR291
ADR431
ADR03
AD1582
REF192
ADR441
AD780
ADR361
3.0
ADR3430
REF193
ADR433
ADR06
AD1583
ADR363
ADR443
AD780
3.3
ADR366
ADR3433
REF196
4.096
ADR3440
ADR292
ADR434
AD1584
ADR364
REF198
ADR444
5.0
ADR3450
ADR293
ADR435
ADR02
AD1585
REF195
ADR445
ADR365
AD586
10.0
ADR01
AD587


Similar Part No. - ADR3425ARJZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR3425ARJZ-R7 AD-ADR3425ARJZ-R7 Datasheet
1Mb / 20P
Micropower, High Accuracy Voltage References
Rev. 0
More results

Similar Description - ADR3425ARJZ-R7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM285-2.5 TI-LM285-2.5 Datasheet
263Kb / 14P
MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
MICROPOWER VOLTAGE REFERENCES
logo
Analog Devices
ADR3425 AD-ADR3425 Datasheet
1Mb / 20P
Micropower, High Accuracy Voltage References
Rev. 0
logo
Texas Instruments
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
MICROPOWER VOLTAGE REFERENCES
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
MICROPOWER VOLTAGE REFERENCES
LM285-1.2 TI1-LM285-1.2 Datasheet
1Mb / 25P
Micropower Voltage References
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
Micropower Voltage References
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
Micropower Voltage References
logo
Analog Devices
ADR4520 AD-ADR4520_V01 Datasheet
1Mb / 40P
Ultralow Noise, High Accuracy Voltage References
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com