Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR3425ARJZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADR3425ARJZ-R7
Description  Micropower, High Accuracy Voltage References
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR3425ARJZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADR3425ARJZ-R7 Datasheet HTML 15Page - Analog Devices ADR3425ARJZ-R7 Datasheet HTML 16Page - Analog Devices ADR3425ARJZ-R7 Datasheet HTML 17Page - Analog Devices ADR3425ARJZ-R7 Datasheet HTML 18Page - Analog Devices ADR3425ARJZ-R7 Datasheet HTML 19Page - Analog Devices ADR3425ARJZ-R7 Datasheet HTML 20Page - Analog Devices ADR3425ARJZ-R7 Datasheet HTML 21Page - Analog Devices ADR3425ARJZ-R7 Datasheet HTML 22Page - Analog Devices ADR3425ARJZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ADR3412/ADR3420/ADR3425/ADR3430/ADR3433/ADR3440/ADR3450
Rev. B | Page 19 of 24
THEORY OF OPERATION
BAND GAP
VOLTAGE
REFERENCE
ENABLE
GND FORCE
VOUT FORCE
VOUT SENSE
RFB2
RFB1
VIN
VBG
GND SENSE
Figure 39. Block Diagram
The ADR3412/ADR3425/ADR3430/ADR3433/ADR3440/
ADR3450 use a patented voltage reference architecture to
achieve high accuracy, low temperature coefficient (TC), and
low noise in a CMOS process. Like all band gap references, the
references combine two voltages of opposite TCs to create an
output voltage that is nearly independent of ambient temper-
ature. However, unlike traditional band gap voltage references, the
temperature-independent voltage of the references are arranged
to be the base-emitter voltage, VBE, of a bipolar transistor at
room temperature rather than the VBE extrapolated to 0 K (the
VBE of bipolar transistor at 0 K is approximately VG0, the band
gap voltage of silicon). A corresponding positive-TC voltage is
then added to the VBE voltage to compensate for its negative TC.
The key benefit of this technique is that the trimming of the
initial accuracy and TC can be performed without interfering
with one another, thereby increasing overall accuracy across
temperature. Curvature correction techniques further reduce
the temperature variation.
The band gap voltage (VBG) is then buffered and amplified to
produce stable output voltages of 2.5 V and 5.0 V. The output
buffer can source up to 10 mA and sink up to −3 mA of load
current.
The ADR34xx family leverages Analog Devices patented
DigiTrim technology to achieve high initial accuracy and low
TC, and precision layout techniques lead to very low long-term
drift and thermal hysteresis.
LONG-TERM STABILITY
One of the key parameters of the ADR34xx references is long-
term stability. Regardless of output voltage, internal testing
during development showed a typical drift of approximately
30 ppm after 1000 hours of continuous, nonloaded operation
in a 50°C environment.
It is important to understand that long-term stability is not
guaranteed by design and that the output from the device may
shift beyond the typical 30 ppm specification at any time,
especially during the first 200 hours of operation. For systems
that require highly stable output voltages over long periods of
time, the designer should consider burning in the devices prior
to use to minimize the amount of output drift exhibited by the
reference over time. See the AN-713 Application Note, The
Effect of Long-Term Drift on Voltage References, at www.analog.com
for more information regarding the effects of long-term drift
and how it can be minimized.
POWER DISSIPATION
The ADR34xx voltage references are capable of sourcing up to
10 mA of load current at room temperature across the rated
input voltage range. However, when used in applications subject
to high ambient temperatures, the input voltage and load cur-
rent should be carefully monitored to ensure that the device
does not exceeded its maximum power dissipation rating. The
maximum power dissipation of the device can be calculated via
the following equation:
]
[W
T
T
P
JA
A
J
D
θ
=
where:
PD is the device power dissipation.
TJ is the device junction temperature.
TA is the ambient temperature.
θJA is the package (junction-to-air) thermal resistance.
Because of this relationship, acceptable load current in high
temperature conditions may be less than the maximum current-
sourcing capability of the device. In no case should the part be
operated outside of its maximum power rating because doing so
can result in premature failure or permanent damage to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com