Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR3430ARJZ-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # ADR3430ARJZ-R2
Description  Micropower, High Accuracy Voltage References
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR3430ARJZ-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADR3430ARJZ-R2 Datasheet HTML 13Page - Analog Devices ADR3430ARJZ-R2 Datasheet HTML 14Page - Analog Devices ADR3430ARJZ-R2 Datasheet HTML 15Page - Analog Devices ADR3430ARJZ-R2 Datasheet HTML 16Page - Analog Devices ADR3430ARJZ-R2 Datasheet HTML 17Page - Analog Devices ADR3430ARJZ-R2 Datasheet HTML 18Page - Analog Devices ADR3430ARJZ-R2 Datasheet HTML 19Page - Analog Devices ADR3430ARJZ-R2 Datasheet HTML 20Page - Analog Devices ADR3430ARJZ-R2 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ADR3412/ADR3420/ADR3425/ADR3430/ADR3433/ADR3440/ADR3450
Rev. B | Page 17 of 24
0
10
20
30
40
50
60
70
80
90
100
–40 –25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
VIN = 5.5 V
Figure 33. Supply Current vs. Temperature
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
102030405060708090
100
ENABLE VOLTAGE (% of VIN)
–40°C
+25°C
+125°C
Figure 34. Supply Current vs. ENABLE Pin Voltage
0.01
0.1
1
10
0.01
0.1
1
10
100
1k
10k
FREQUENCY (Hz)
CL = 0.1µF
CL = 1.1µF
Figure 35. ADR3450 Output Impedance vs. Frequency
0
1
2
3
4
5
6
7
RELATIVE SHIFT IN VOUT (%)
Figure 36. Output Voltage Drift Distribution After Reflow (SHR Drift)
0
1
2
3
4
5
6
7
8
OUTPUT VOLTAGE HYSTERESIS (ppm)
TA = +25°C → +150°C → –50°C → +25°C
Figure 37. ADR3450 Thermally Induced Output Voltage Hysteresis Distribution
80
60
40
20
0
–20
–40
–60
–80
0
200
400
800
600
1000
ELAPSED TIME (Hours)
Figure 38. ADR3450 Typical Long-Term Output Voltage Drift
(Four Devices, 1000 Hours)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com