Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR3430ARJZ-R2 Datasheet(PDF) 22 Page - Analog Devices

Part # ADR3430ARJZ-R2
Description  Micropower, High Accuracy Voltage References
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR3430ARJZ-R2 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADR3430ARJZ-R2 Datasheet HTML 16Page - Analog Devices ADR3430ARJZ-R2 Datasheet HTML 17Page - Analog Devices ADR3430ARJZ-R2 Datasheet HTML 18Page - Analog Devices ADR3430ARJZ-R2 Datasheet HTML 19Page - Analog Devices ADR3430ARJZ-R2 Datasheet HTML 20Page - Analog Devices ADR3430ARJZ-R2 Datasheet HTML 21Page - Analog Devices ADR3430ARJZ-R2 Datasheet HTML 22Page - Analog Devices ADR3430ARJZ-R2 Datasheet HTML 23Page - Analog Devices ADR3430ARJZ-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
ADR3412/ADR3420/ADR3425/ADR3430/ADR3433/ADR3440/ADR3450
Rev. B | Page 22 of 24
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-178-AB
10°
4°
0°
SEATING
PLANE
1.90
BSC
0.95 BSC
0.60
BSC
65
12
3
4
3.00
2.90
2.80
3.00
2.80
2.60
1.70
1.60
1.50
1.30
1.15
0.90
0.15 MAX
0.05 MIN
1.45 MAX
0.95 MIN
0.20 MAX
0.08 MIN
0.50 MAX
0.30 MIN
0.55
0.45
0.35
PIN 1
INDICATOR
Figure 45. 6-Lead Small Outline Transistor Package (SOT-23)
(RJ-6)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Output Voltage (V)
Temperature Range
Package Description
Package Option
Ordering
Quantity
Branding
ADR3412ARJZ-R2
1.200
−40°C to +125°C
6-Lead SOT-23
RJ-6
250
R2R
ADR3412ARJZ-R7
1.200
−40°C to +125°C
6-Lead SOT-23
RJ-6
3,000
R2R
ADR3420ARJZ-R2
2.048
−40°C to +125°C
6-Lead SOT-23
RJ-6
250
R2V
ADR3420ARJZ-R7
2.048
−40°C to +125°C
6-Lead SOT-23
RJ-6
3,000
R2V
ADR3425ARJZ-R2
2.500
−40°C to +125°C
6-Lead SOT-23
RJ-6
250
R2X
ADR3425ARJZ-R7
2.500
−40°C to +125°C
6-Lead SOT-23
RJ-6
3,000
R2X
ADR3430ARJZ-R2
3.000
−40°C to +125°C
6-Lead SOT-23
RJ-6
250
R2Z
ADR3430ARJZ-R7
3.000
−40°C to +125°C
6-Lead SOT-23
RJ-6
3,000
R2Z
ADR3433ARJZ-R2
3.300
−40°C to +125°C
6-Lead SOT-23
RJ-6
250
R31
ADR3433ARJZ-R7
3.300
−40°C to +125°C
6-Lead SOT-23
RJ-6
3,000
R31
ADR3440ARJZ-R2
4.096
−40°C to +125°C
6-Lead SOT-23
RJ-6
250
R33
ADR3440ARJZ-R7
4.096
−40°C to +125°C
6-Lead SOT-23
RJ-6
3,000
R33
ADR3450ARJZ-R2
5.000
−40°C to +125°C
6-Lead SOT-23
RJ-6
250
R34
ADR3450ARJZ-R7
5.000
−40°C to +125°C
6-Lead SOT-23
RJ-6
3,000
R34
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com