Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5539 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC5539
Description  VHF to UHF Low-Noise Wide-Band Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5539 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5539 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5539 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5539 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5539 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5539 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC5539
No.6341–2/5
0
0
10
IC -- VCE
IT01418
IT01420
IT01422
IT01424
IT01419
IT01421
IT01423
IT01425
0.10mA
20
30
40
50
2
6
4
8
10
0
0
IC -- VBE
0.2
0.4
0.6
0.8
1.0
1.2
20
40
60
80
100
10
hFE -- IC
3
5
7 1.0
2
3
5
7 10
2
3
2
3
5
7 100
2
3
5
7
100
2
3
5
7
1.0
f T -- IC
2
3
57
10
23
5
7
100
1.0
2
3
5
7
10
0.1
0.1
Cob -- VCB
2
3
5
7 1.0
2
3
5
7 10
2
3
5
7 100
2
3
5
7
1.0
2
3
5
7
10
0.1
Cre -- VCB
S21e2 -- IC
2
3
5
7 1.0
2
3
5
7 10
2
3
5
7 100
0.1
2
3
5
7
1.0
2
3
5
7
10
1.0
NF -- IC
2
3
5
7
7
10
2
35
7
100
0
2
4
6
8
10
1.0
23
5
7
10
23
5
7
100
0
2
4
6
8
10
12
14
16
IB=0
0.35mA
0.30mA
0.25mA
0.20mA
0.15mA
0.05mA
VCE=5V
2V
V CE
=5V
2V
f=1MHz
f=1MHz
f=1GHz
V CE
=2V
5V
V CE
=5V
2V
f=1GHz
Collector-to-Emitter Voltage, VCE –V
Base-to-Emitter Voltage, VBE –V
Collector Current, IC –mA
Collector-to-Base Voltage, VCB -- V
Collector-to-Base Voltage, VCB -- V
Collector Current, IC –mA
Collector Current, IC –mA
Collector Current, IC –mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com