Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5539 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5539
Description  VHF to UHF Low-Noise Wide-Band Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5539 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5539 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5539 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5539 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5539 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5539 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC5539
No.6341–3/5
S Parameters (Common emitter)
VCE=2V, IC=5mA, ZO=50Ω
VCE=2V, IC=10mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
18
2
8
.
07
.
8
4
–3
0
0
.
3
15
.
9
4
14
4
0
.
06
.
4
69
7
8
.
01
.
5
2
–
0
0
21
4
7
.
03
.
4
8
–1
0
0
.
0
14
.
9
2
18
6
0
.
07
.
9
40
9
6
.
04
.
0
4
–
0
0
46
6
6
.
02
.
4
2
1
–5
0
4
.
65
.
6
0
17
8
0
.
05
.
8
37
6
4
.
03
.
3
5
–
0
0
60
4
6
.
04
.
3
4
1
–4
7
5
.
41
.
4
94
9
0
.
08
.
7
36
7
3
.
05
.
7
5
–
0
0
86
2
6
.
00
.
5
5
1
–0
2
5
.
36
.
5
81
0
1
.
07
.
9
39
2
3
.
06
.
0
6
–
0
0
0
19
1
6
.
00
.
3
6
1
–2
5
8
.
20
.
9
78
0
1
.
09
.
2
41
0
3
.
01
.
4
6
–
0
0
2
13
1
6
.
01
.
9
6
1
–5
1
4
.
21
.
3
76
1
1
.
06
.
6
41
9
2
.
01
.
7
6
–
0
0
4
18
0
6
.
02
.
4
7
1
–8
9
0
.
29
.
7
65
2
1
.
00
.
0
57
8
2
.
05
.
0
7
–
0
0
6
14
0
6
.
08
.
8
7
1
–9
6
8
.
13
.
3
66
3
1
.
05
.
3
59
8
2
.
07
.
3
7
–
0
0
8
11
0
6
.
00
.
7
7
19
0
7
.
10
.
9
58
4
1
.
02
.
6
59
9
2
.
04
.
6
7
–
0
0
0
29
9
5
.
01
.
3
7
14
6
5
.
10
.
5
51
6
1
.
05
.
8
56
0
3
.
05
.
9
7
–
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
11
3
7
.
07
.
6
6
–4
5
8
.
9
15
.
0
4
19
3
0
.
03
.
9
55
8
7
.
03
.
7
3
–
0
0
29
4
6
.
07
.
5
0
1
–5
2
7
.
3
17
.
9
1
14
5
0
.
08
.
6
47
4
5
.
09
.
5
5
–
0
0
45
0
6
.
07
.
0
4
1
–0
7
8
.
76
.
0
0
18
6
0
.
05
.
4
40
3
3
.
05
.
1
7
–
0
0
61
9
5
.
07
.
5
5
1
–8
5
4
.
57
.
0
90
8
0
.
00
.
8
41
5
2
.
02
.
7
7
–
0
0
85
8
5
.
06
.
4
6
1
–4
6
1
.
47
.
3
81
9
0
.
07
.
1
53
1
2
.
02
.
1
8
–
0
0
0
10
8
5
.
07
.
0
7
1
–3
8
3
.
32
.
8
75
0
1
.
06
.
5
55
9
1
.
08
.
4
8
–
0
0
2
15
7
5
.
06
.
5
7
1
–7
5
8
.
21
.
3
79
1
1
.
02
.
8
58
8
1
.
08
.
7
8
–
0
0
4
10
7
5
.
09
.
9
7
1
–6
7
4
.
27
.
8
64
3
1
.
00
.
0
66
8
1
.
07
.
0
9
–
0
0
6
18
6
5
.
03
.
6
7
14
0
2
.
26
.
4
60
5
1
.
03
.
1
68
8
1
.
02
.
3
9
–
0
0
8
13
6
5
.
06
.
2
7
15
9
9
.
16
.
0
67
6
1
.
01
.
2
63
9
1
.
00
.
5
9
–
0
0
0
20
6
5
.
02
.
9
6
12
2
8
.
10
.
7
54
8
1
.
04
.
2
67
9
1
.
03
.
7
9
–
0
0
20
PC -- Ta
IT01426
40
60
100
80
120
40
20
100
120
60
80
140
160
Ambient Temperature, Ta –
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com