Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5541 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5541
Description  UHF to S Band Low-Noise Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5541 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5541 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5541 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5541 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5541 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5541 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC5541
No.6337–3/5
S Parameters (Common emitter)
VCE=5V, IC=1mA, ZO=50Ω
VCE=5V, IC=3mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
12
7
9
.
04
.
7
–3
4
1
.
30
.
3
7
15
2
0
.
02
.
5
84
9
9
.
09
.
4
–
0
0
23
6
9
.
09
.
3
1
–8
3
4
.
39
.
4
6
19
4
0
.
01
.
9
71
8
9
.
06
.
9
–
0
0
48
2
9
.
06
.
8
2
–2
7
0
.
33
.
3
5
13
9
0
.
00
.
0
75
4
9
.
07
.
8
1
–
0
0
65
8
8
.
07
.
0
4
–0
6
8
.
22
.
2
4
19
2
1
.
06
.
1
66
8
8
.
02
.
7
2
–
0
0
83
3
8
.
05
.
2
5
–9
1
7
.
20
.
1
3
17
5
1
.
08
.
4
53
3
8
.
08
.
3
3
–
0
0
0
14
8
7
.
08
.
2
6
–1
0
7
.
28
.
9
1
12
8
1
.
01
.
9
41
0
8
.
04
.
8
3
–
0
0
2
11
3
7
.
03
.
2
7
–0
7
4
.
21
.
1
1
18
9
1
.
00
.
4
48
5
7
.
05
.
3
4
–
0
0
4
12
8
6
.
09
.
0
8
–2
7
2
.
28
.
3
0
18
0
2
.
03
.
0
46
1
7
.
01
.
8
4
–
0
0
6
10
4
6
.
05
.
8
8
–3
1
1
.
21
.
7
96
1
2
.
05
.
7
30
8
6
.
08
.
1
5
–
0
0
8
14
9
5
.
00
.
6
9
–8
4
8
.
11
.
2
95
1
2
.
08
.
5
34
2
6
.
01
.
6
5
–
0
0
0
23
6
5
.
08
.
1
0
1
–2
4
7
.
14
.
6
88
1
2
.
04
.
4
38
9
5
.
07
.
8
5
–
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
14
2
9
.
08
.
2
1
–8
3
7
.
84
.
8
6
14
2
0
.
04
.
2
89
7
9
.
09
.
8
–
0
0
23
8
8
.
04
.
5
2
–8
6
0
.
85
.
8
5
16
4
0
.
09
.
3
79
3
9
.
03
.
7
1
–
0
0
45
9
7
.
03
.
7
4
–3
2
2
.
73
.
0
4
11
8
0
.
09
.
2
61
3
8
.
08
.
0
3
–
0
0
64
9
6
.
09
.
5
6
–5
7
1
.
62
.
6
2
13
0
1
.
03
.
5
58
1
7
.
05
.
0
4
–
0
0
89
0
6
.
07
.
0
8
–3
9
2
.
51
.
5
1
19
1
1
.
06
.
0
54
2
6
.
01
.
7
4
–
0
0
0
16
4
5
.
01
.
2
9
–6
7
5
.
46
.
6
0
11
3
1
.
01
.
8
49
4
5
.
08
.
1
5
–
0
0
2
16
9
4
.
08
.
1
0
1
–6
1
0
.
41
.
9
90
4
1
.
09
.
6
40
0
5
.
00
.
5
5
–
0
0
4
16
5
4
.
04
.
0
1
1
–2
6
5
.
38
.
2
98
4
1
.
06
.
6
43
6
4
.
07
.
7
5
–
0
0
6
13
2
4
.
08
.
7
1
1
–1
2
2
.
35
.
7
87
5
1
.
09
.
6
47
3
4
.
09
.
9
5
–
0
0
8
16
9
3
.
07
.
4
2
1
–0
5
9
.
22
.
2
85
6
1
.
03
.
7
42
2
4
.
06
.
1
6
–
0
0
0
21
7
3
.
09
.
0
3
1
–1
0
7
.
29
.
7
74
7
1
.
01
.
8
46
0
4
.
01
.
3
6
–
VCE=5V, IC=5mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
18
7
8
.
05
.
7
1
–5
7
5
.
2
12
.
5
6
13
2
0
.
07
.
0
84
6
9
.
08
.
1
1
–
0
0
26
1
8
.
09
.
3
3
–3
4
4
.
1
18
.
2
5
14
4
0
.
01
.
1
76
9
8
.
03
.
2
2
–
0
0
42
9
6
.
07
.
0
6
–1
2
5
.
91
.
2
3
12
7
0
.
07
.
9
50
4
7
.
05
.
7
3
–
0
0
62
8
5
.
09
.
0
8
–0
6
6
.
79
.
7
1
19
8
0
.
09
.
3
59
0
6
.
05
.
6
4
–
0
0
81
0
5
.
01
.
6
9
–4
8
2
.
66
.
7
0
11
0
1
.
02
.
2
55
1
5
.
00
.
2
5
–
0
0
0
15
4
4
.
09
.
7
0
1
–1
0
3
.
59
.
9
93
1
1
.
09
.
1
55
4
4
.
05
.
5
5
–
0
0
2
17
0
4
.
02
.
7
1
1
–8
5
5
.
44
.
3
93
2
1
.
01
.
2
52
0
4
.
06
.
7
5
–
0
0
4
18
7
3
.
02
.
5
2
1
–8
8
9
.
30
.
8
84
3
1
.
07
.
2
52
7
3
.
05
.
9
5
–
0
0
6
15
5
3
.
03
.
2
3
1
–2
7
5
.
34
.
3
85
4
1
.
07
.
3
53
5
3
.
09
.
0
6
–
0
0
8
17
3
3
.
04
.
8
3
1
–4
3
2
.
39
.
8
75
5
1
.
05
.
4
51
4
3
.
01
.
2
6
–
0
0
0
29
1
3
.
05
.
4
4
1
–9
4
9
.
22
.
5
76
6
1
.
00
.
5
52
3
3
.
00
.
3
6
–



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com