Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5541 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SC5541
Description  UHF to S Band Low-Noise Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5541 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SC5541 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5541 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5541 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5541 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5541 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SC5541
No.6337–4/5
VCE=5V, IC=10mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
11
9
7
.
07
.
5
2
–3
7
8
.
8
17
.
9
5
12
2
0
.
06
.
6
73
3
9
.
05
.
6
1
–
0
0
20
0
7
.
09
.
7
4
–9
8
3
.
6
15
.
3
4
19
3
0
.
05
.
6
67
1
8
.
05
.
9
2
–
0
0
48
4
5
.
03
.
0
8
–2
3
9
.
1
17
.
1
2
10
6
0
.
00
.
8
54
0
6
.
01
.
5
4
–
0
0
65
5
4
.
03
.
1
0
1
–1
8
9
.
84
.
8
0
13
7
0
.
03
.
6
54
7
4
.
05
.
1
5
–
0
0
89
9
3
.
05
.
6
1
1
–1
8
0
.
76
.
9
96
8
0
.
01
.
7
55
9
3
.
09
.
4
5
–
0
0
0
12
6
3
.
09
.
7
2
1
–6
3
8
.
53
.
3
98
9
0
.
05
.
8
54
4
3
.
05
.
6
5
–
0
0
2
19
3
3
.
05
.
6
3
1
–4
5
9
.
48
.
7
80
1
1
.
07
.
9
54
1
3
.
05
.
7
5
–
0
0
4
11
2
3
.
07
.
3
4
1
–5
9
2
.
43
.
3
83
2
1
.
00
.
1
63
9
2
.
06
.
8
5
–
0
0
6
18
0
3
.
00
.
0
5
1
–1
2
8
.
33
.
9
76
3
1
.
06
.
1
61
8
2
.
03
.
9
5
–
0
0
8
16
9
2
.
03
.
5
5
1
–0
5
4
.
34
.
5
70
5
1
.
07
.
1
63
7
2
.
00
.
0
6
–
0
0
0
26
8
2
.
07
.
0
6
1
–6
3
1
.
39
.
1
73
6
1
.
01
.
2
69
6
2
.
06
.
0
6
–
VCE=1V, IC=1mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
18
6
9
.
03
.
8
–0
6
3
.
31
.
2
7
19
2
0
.
01
.
4
82
9
9
.
07
.
5
–
0
0
28
5
9
.
05
.
5
1
–7
9
2
.
37
.
4
6
17
5
0
.
06
.
7
74
7
9
.
02
.
1
1
–
0
0
46
1
9
.
01
.
2
3
–4
5
3
.
32
.
0
5
17
0
1
.
02
.
8
69
3
9
.
07
.
0
2
–
0
0
68
6
8
.
01
.
5
4
–6
0
8
.
21
.
8
3
17
4
1
.
07
.
8
57
6
8
.
02
.
1
3
–
0
0
80
1
8
.
08
.
7
5
–0
9
5
.
28
.
6
2
17
7
1
.
05
.
1
50
0
8
.
08
.
8
3
–
0
0
0
18
5
7
.
09
.
8
6
–8
0
5
.
27
.
6
1
10
0
2
.
06
.
5
45
5
7
.
08
.
3
4
–
0
0
2
14
0
7
.
00
.
9
7
–7
0
3
.
28
.
7
0
15
1
2
.
08
.
0
48
0
7
.
09
.
8
4
–
0
0
4
16
5
6
.
00
.
8
8
–2
3
1
.
21
.
0
0
16
2
2
.
01
.
7
37
6
6
.
05
.
3
5
–
0
0
6
16
1
6
.
08
.
5
9
–4
9
9
.
13
.
3
95
3
2
.
01
.
4
34
3
6
.
02
.
7
5
–
0
0
8
11
7
5
.
07
.
3
0
1
–1
3
8
.
19
.
6
81
4
2
.
04
.
1
36
9
5
.
03
.
1
6
–
0
0
0
22
4
5
.
08
.
9
0
1
–4
1
7
.
13
.
1
82
4
2
.
08
.
9
22
7
5
.
01
.
4
6
–
VCE=1V, IC=3mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
10
1
9
.
02
.
5
1
–5
8
7
.
82
.
7
6
18
2
0
.
04
.
0
82
7
9
.
06
.
0
1
–
0
0
29
6
8
.
01
.
9
2
–8
1
1
.
89
.
5
5
13
5
0
.
07
.
1
79
1
9
.
04
.
0
2
–
0
0
44
7
7
.
08
.
3
5
–3
0
1
.
78
.
6
3
11
9
0
.
00
.
0
69
9
7
.
01
.
5
3
–
0
0
63
6
6
.
03
.
5
7
–3
0
9
.
54
.
2
2
14
1
1
.
09
.
1
52
7
6
.
00
.
6
4
–
0
0
81
8
5
.
01
.
1
9
–6
7
9
.
41
.
1
1
10
3
1
.
06
.
7
47
7
5
.
02
.
3
5
–
0
0
0
10
3
5
.
08
.
1
0
1
–1
8
2
.
44
.
2
0
12
4
1
.
00
.
5
49
0
5
.
02
.
8
5
–
0
0
2
17
8
4
.
07
.
1
1
1
–7
2
7
.
30
.
5
91
5
1
.
04
.
4
40
6
4
.
00
.
2
6
–
0
0
4
13
5
4
.
03
.
0
2
1
–5
8
2
.
30
.
9
89
5
1
.
01
.
4
43
2
4
.
02
.
5
6
–
0
0
6
18
2
4
.
07
.
7
2
1
–3
6
9
.
27
.
3
88
6
1
.
03
.
4
46
9
3
.
06
.
7
6
–
0
0
8
13
0
4
.
06
.
5
3
1
–2
9
6
.
27
.
8
77
7
1
.
09
.
4
46
7
3
.
06
.
9
6
–
0
0
0
24
8
3
.
00
.
2
4
1
–1
7
4
.
24
.
4
75
8
1
.
06
.
5
41
6
3
.
02
.
1
7
–



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com