Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5607 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC5607
Description  DC / DC Converter Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5607 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5607 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5607 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5607 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5607 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC5607
No.6403-2/4
+
+
50
Ω
INPUT
OUTPUT
VR
RB
RL
VCC=5V
220
µF
470
µF
VBE= --5V
PW=20
µs
D.C.
≤1%
IB1
IB2
20IB1= --20IB2= IC=1.5A
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=10V, IE=0
0.1
µA
Emitter Cutoff Current
IEBO
VEB=4V, IC=0
0.1
µA
DC Current Gain
hFE1VCE=2V, IC=500mA
600
hFE2VCE=2V, IC=3A
200
Gain-Bandwidth Product
fT
VCE=2V, IC=500mA
380
MHz
Output Capacitance
Cob
VCB=10V, f=1MHz
23
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)1
IC=1.5A, IB=30mA
100
150
mV
VCE(sat)2
IC=3A, IB=60mA
180
270
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=1.5A, IB=30mA
0.85
1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=10µA, IE=0
15
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=1mA, RBE=∞
10
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=10µA, IC=0
7
V
Turn-On Time
ton
See specified Test Circuit.
30
ns
Storage Time
tstg
See specified Test Circuit.
210
ns
Fall Time
tf
See specified Test Circuit.
11
ns
Switching Time Test Circuit
3
2
1
5
4
0
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
1.5
1.0
0.5
2.0
0
10000
7
5
3
2
1000
7
5
3
2
100
7
5
3
2
10
3
2
1
5
4
0
0
0.2
0.4
0.6
0.8
1.0
0
0.2
0.4
0.6
0.8
1.0
0.1
0.01
23
5 7
23
5
7
2
3
5 7
1.0
10
0
12
4
3
5
VCE=2V
VCE=2V
IT01588
IT01589
IT01590
IT01591
IB=0
IB=0
1mA
10mA
15mA
20mA
3mA
5mA
1mA
2mA
10mA
15mA
4mA
6mA
8mA
Ta=75
°C
25
°C
--25
°C
4mA
2mA
25mA
IC -- VCE
IC -- VCE
hFE -- IC
IC -- VBE
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
Base-to-Emitter Voltage, VBE -- V
Collector Current, IC -- A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com