Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5607 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5607
Description  DC / DC Converter Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5607 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5607 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5607 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5607 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5607 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5607
No.6403-3/4
100
2
3
5
7
2
3
5
7
1000
10
5
7
10
2
3
2
1.0
7
5
3
2
0.1
7
5
3
2
0.01
VCE=2V
100
1000
7
5
3
2
10
7
5
3
2
7
5
3
2
1.0
10
7
5
3
2
1.0
7
5
3
2
0.1
100
7
5
3
2
10
1000
7
5
3
2
100
7
5
3
2
10
7
5
3
2
1.0
0.01
27 0.1
35
2
7 1.0
35
2
7
35
10
0.1
0.01
23
5
7
2
3
5 7
2
3
5
7
1.0
10
0.1
0.01
23
5
7
72
3
5
7
2
3
5
1.0
0
20
40
60
80
100
120
140
160
57
2
3
5
7
0.1
1.0
23
5
7
10
2
1.0
23
5
7
2
3
5
10
0.01
23
5
7 0.1
23
5
7 1.0
23
5
7 10
IC / IB=20
f=1MHz
0
0.1
0.3
0.2
0.4
0.5
0.55
0.7
0.6
0.8
IT01592
IT01593
IT01594
IT01595
IT01596
IT01598
IT01597
Ta=75
°C
--25
°C
25
°C
IC / IB=50
Ta=75
°C
--25
°C
25
°C
IC / IB=50
75°C
Ta=--25°C
25°C
100
µ
s
100ms
DC
operation
IC=5A
ICP=9A
Tc=25
°C
Single pulse
A S O
Collector-to-Emitter Voltage, VCE -- V
VCE(sat) -- IC
VBE(sat) -- IC
Collector Current, IC -- A
VCE(sat) -- IC
Collector Current, IC -- A
Collector Current, IC -- A
f T -- IC
Collector Current, IC -- A
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
PC -- Ta
Ambient Temperature, Ta --
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com