Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2655 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2655
Description  Quad I짼C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2655 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2655 Datasheet HTML 9Page - Linear Technology LTC2655 Datasheet HTML 10Page - Linear Technology LTC2655 Datasheet HTML 11Page - Linear Technology LTC2655 Datasheet HTML 12Page - Linear Technology LTC2655 Datasheet HTML 13Page - Linear Technology LTC2655 Datasheet HTML 14Page - Linear Technology LTC2655 Datasheet HTML 15Page - Linear Technology LTC2655 Datasheet HTML 16Page - Linear Technology LTC2655 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTC2655
13
2655f
TYPICAL PERFORMANCE CHARACTERISTICS
Current Limiting
Headroom at Rails
vs Output Current
Offset Error vs Temperature
Integral Nonlinearity (INL)
Differential Nonlinearity (INL)
Settling to ±1LSB Falling
Load Regulation
CODE
8
1.0
–0.5
0.5
0
–1.0
2048
3072
1024
2655 G15
4095
VCC = 5V
VREF = 2.048V
CODE
8
1.0
–0.5
0.5
0
–1.0
2048
3072
1024
2655 G16
4095
VCC = 3V
VREF = 1.25V
2μs/DIV
VOUT
1mV/DIV
SCL
3V/DIV
2655 G17
4.0μs
3/4 TO 1/4 SCALE STEP
VCC = 3V, VFS = 2.5V
RL = 2k, CL = 200pF
AVERAGE OF 2048 EVENTS
IOUT (mA)
–50
10
–6
–8
–4
–2
8
6
4
2
0
–10
0
–10
–20
30 40
20
10
–40 –30
2655 G18
50
INTERNAL REF
CODE = MID-SCALE
VCC = 5V (LTC2655-H)
VCC = 3V (LTC2655-L)
IOUT (mA)
–50
0.20
–0.10
–0.15
–0.05
0.15
0.10
0.05
0
–0.20
0
–10
–20
30 40
20
10
–40 –30
2655 G19
50
INTERNAL REF
CODE = MID-SCALE
VCC = 5V (LTC2655-H)
VCC = 3V (LTC2655-L)
IOUT (mA)
0
5.0
1.0
0.5
1.5
2.0
4.5
4.0
3.5
3.0
2.5
0
5
4
38
9
7
6
12
2655 G20
10
5V (LTC2655-H) SOURCING
3V (LTC2655-L) SOURCING
5V (LTC2655-H) SINKING
3V (LTC2655-L) SINKING
TEMPERATURE (°C)
–50
3
–2
–1
2
1
0
–3
50
30
10
110
90
70
–30 –10
2655 G21
130
TA = 25°C unless otherwise noted.
LTC2655-12
LTC2655
Zero-Scale Error vs Temperature
Gain Error vs Temperature
TEMPERATURE (°C)
–50
3.0
2.0
0.5
2.5
1.5
1.0
0
50
30
10
110
90
70
–30 –10
2655 G22
130
TEMPERATURE (°C)
–50
64
32
16
–48
48
0
–32
–16
–64
50
30
10
110
90
70
–30 –10
2655 G23
130
LTC2655-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com