Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2655 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2655
Description  Quad I짼C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2655 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2655 Datasheet HTML 17Page - Linear Technology LTC2655 Datasheet HTML 18Page - Linear Technology LTC2655 Datasheet HTML 19Page - Linear Technology LTC2655 Datasheet HTML 20Page - Linear Technology LTC2655 Datasheet HTML 21Page - Linear Technology LTC2655 Datasheet HTML 22Page - Linear Technology LTC2655 Datasheet HTML 23Page - Linear Technology LTC2655 Datasheet HTML 24Page - Linear Technology LTC2655 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTC2655
21
2655f
OPERATION
Write Word Protocol
The master initiates communication with the LTC2655
with a START condition and a 7-bit slave address followed
by the Write bit (W) = 0. The LTC2655 acknowledges by
pulling the SDA pin low at the 9th clock if the 7-bit slave
address matches the address of the part (set by CA0, CA1
and CA2) or the global address. The master then transmits
three bytes of write data. The LTC2655 acknowledges each
byte of data by pulling the SDA line low at the 9th clock of
each data byte transmission. After receiving three com-
plete bytes of data, the LTC2655 executes the command
specified in the 24-bit input word. If more than three data
bytes are transmitted after a valid 7-bit slave address, the
LTC2655 does not acknowledge the extra bytes of data
(SDA is high during the 9th clock). The first byte of the
input word consists of the 4-bit command followed by
the 4-bit address. The next two bytes consist of the 16-bit
data word. The 16-bit data word consists of the 16-bit, or
12-bit input code, MSB to LSB, followed by 0 or 4 don’t
care bits (LTC2655-16 and LTC2655-12 respectively). A
typical LTC2655 write transaction is shown in Figure 2.
The command (C3-C0) and address (A3-A0) assignments
are shown in Table 1. The first four commands in the table
consist of write and update operations. A write operation
loads a 16-bit data word from the 32-bit shift register into
the input register. In an update operation, the data word
is copied from the input register to the DAC register and
converted to an analog voltage at the DAC output. The
update operation also powers up the DAC if it had been in
power-down mode. The data path and registers are shown
in the Block Diagram.
Power-Down Mode
For power-constrained applications, power-down mode
can be used to reduce the supply current whenever less
than four outputs are needed. When in power-down, the
buffer amplifiers, bias circuits and integrated reference
circuits are disabled, and draw essentially zero current.
The DAC outputs are put into a high-impedance state, and
the output pins are passively pulled to ground through
individual 80k resistors. Input- and DAC-register contents
are not disturbed during power-down.
Any channel or combination of channels can be put into
power-down mode by using command 0100b in combina-
tion with the appropriate DAC address, (
n). The integrated
reference is automatically powered down when external
reference mode is selected using command 0111b. In ad-
dition, all the DAC channels and the integrated reference
together can be put into power-down mode using the
Power-Down Chip command 0101b. For all power-down
commands the 16-bit data word is ignored, but still required
in order to complete a full communication cycle.
Normal operation resumes by executing any command
which includes a DAC update, in software as shown in
Table 1 or using the asynchronous LDAC pin. The selected
DAC is powered up as its voltage output is updated. When
a DAC which is in a powered-down state is powered up and
updated, normal settling is delayed. If less than four DACs
are in a powered-down state prior to the update command,
the power-up delay time is approximately 12μs. If on the
other hand, all four DACs and the integrated reference
are powered down, then the main bias generation circuit
block has been automatically shut down in addition to the
individual DAC amplifiers and the integrated reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com