Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM81 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT90PWM81
Description  8-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash
PDF  325 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM81 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT90PWM81 Datasheet HTML 17Page - ATMEL Corporation AT90PWM81 Datasheet HTML 18Page - ATMEL Corporation AT90PWM81 Datasheet HTML 19Page - ATMEL Corporation AT90PWM81 Datasheet HTML 20Page - ATMEL Corporation AT90PWM81 Datasheet HTML 21Page - ATMEL Corporation AT90PWM81 Datasheet HTML 22Page - ATMEL Corporation AT90PWM81 Datasheet HTML 23Page - ATMEL Corporation AT90PWM81 Datasheet HTML 24Page - ATMEL Corporation AT90PWM81 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 325 page
background image
21
7734P–AVR–08/10
AT90PWM81
Caution: An interrupt between step 5 and step 6 will make the write cycle fail, since the EEPROM Master
Write Enable will time-out. If an interrupt routine accessing the EEPROM is interrupting another
EEPROM access, the EEAR or EEDR Register will be modified, causing the interrupted EEPROM access
to fail. It is recommended to have the Global Interrupt Flag cleared during all the steps to avoid these
problems.
When the write access time has elapsed, the EEWE bit is cleared by hardware. The user software can poll
this bit and wait for a zero before writing the next byte. When EEWE has been set, the CPU is halted for
two cycles before the next instruction is executed.
• Bit 0 – EERE: EEPROM Read Enable
The EEPROM Read Enable Signal EERE is the read strobe to the EEPROM. When the correct address is
set up in the EEAR Register, the EERE bit must be written to a logic one to trigger the EEPROM read.
The EEPROM read access takes one instruction, and the requested data is available immediately. When
the EEPROM is read, the CPU is halted for four cycles before the next instruction is executed.
The user should poll the EEWE bit before starting the read operation. If a write operation is in progress, it
is neither possible to read the EEPROM, nor to change the EEAR Register.
The calibrated Oscillator is used to time the EEPROM accesses. Table 4-2 lists the typical programming
time for EEPROM access from the CPU.
4.3.5
Program multiple bytes in one Atomic operation
It is possible to write multiple bytes into the EEPROM. Before initiating a programming (erase/write), the
data to be written has to be loaded into the temporary EEPROM page buffer. Writing EEPAGE to one
enables a load operation.
When EEPAGE bit is written to one, the temporary EEPROM page buffer is ready for loading. To load
data into the temporary EEPROM page buffer, the address and data must be written into EEARL and
EEDR respectively. Note that the data is loaded when EEDR is updated. Therefore, the address must be
written before data. This operation is repeated until the temporary EEPROM page buffer is filled up or
until all data to be written have been loaded. The number of bytes that is loaded must not exceed the tem-
porary EEPROM page size before performing a program operation. Note that it is not possible to write
more than one time to each byte in the temporary EEPROM page buffer before executing a program oper-
ation. If the same byte is written multiple times, the content in the temporary EEPROM page will be bit
wise AND between the written data (i.e. if 0xaa and 0x55 is loaded to the same byte, the result will be
0x00). The temporary EEPROM buffer will be ready for new data after the program operation has com-
pleted. Alternatively, the temporary EEPROM buffer is flushed and ready for new data by writing EEPE
(within four cycles after EEMPE is written) if the EEPMn bits are 0b11. When the temporary EEPROM
buffer is flushed, the EEPAGE bit will be cleared. Loading data into the temporary EEPROM buffer takes
three CPU clock cycles. If EEDR is written while EEPAGE is set, the CPU is halted to ensure that the
operation takes three cycles.
Table 4-2.
EEPROM Programming Time.
Symbol
Number of Calibrated RC Oscillator Cycles
Typ Programming Time
EEPROM write
(from CPU)
26368
3.3 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com