Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # VDA
Description  CMOS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VDA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  VDA Datasheet HTML 1Page - List of Unclassifed Manufacturers VDA Datasheet HTML 2Page - List of Unclassifed Manufacturers VDA Datasheet HTML 3Page - List of Unclassifed Manufacturers VDA Datasheet HTML 4Page - List of Unclassifed Manufacturers VDA Datasheet HTML 5Page - List of Unclassifed Manufacturers VDA Datasheet HTML 6Page - List of Unclassifed Manufacturers VDA Datasheet HTML 7Page - List of Unclassifed Manufacturers VDA Datasheet HTML 8Page - List of Unclassifed Manufacturers VDA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AnaSem Inc.
1
Rev. C09-09
产品规格书
AnaSem
安纳森半导体
.......... Future of the analog world
低电压,低功耗,
±1% 高精度电压检测 CMOS 电压检测器
VDA 系列
概述
VDA系列乃用于低电压范围的低功耗,高检测精度的电压检测器。VDA
系列达成的检测精度是以集成电路内以温度系数调整的高准确率参考电
压值来作基准。本集成电路采用最新的
CMOS生产技术和激光微调技
术,与精锐的生产监控,也能提供
CMOS或N-沟道的两种输出方式;而
集成电路的封装均能以
SOT-23或SON-4类提供。
特点
检测电压范围
·······························································
工作电压范围
··································································
高精度电压检测
·····················································
电压检测温度特性
··································································
输出类别
·························································································
低功耗
··································································
工作温度范围
··································································
小型封装
·························································································
应用范围
微型处理器的从设程序
各类系统的开动从设
电池充电检测
各类系统备用电源,电池开关控制
电池寿命检测
无卤素
RoHS
符合标准
0.8V~6.0V (能以每0.1V间隔设定检测电压)
0.7V~6.0V
±1% (VDET=1.8V~6.0V) / ±2% (VDET=0.8V~1.7V)
Typ. ±20ppm/°C (VDET = 1.8V~6.0V)
CMOS or N-channel open drain
Typ. 0.6µA (VIN = 1.5V)
–40°C ~ +85°C
SOT-23 (400mW), SON-4 (400mW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com