Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDA Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # VDA
Description  CMOS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VDA Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button VDA Datasheet HTML 6Page - List of Unclassifed Manufacturers VDA Datasheet HTML 7Page - List of Unclassifed Manufacturers VDA Datasheet HTML 8Page - List of Unclassifed Manufacturers VDA Datasheet HTML 9Page - List of Unclassifed Manufacturers VDA Datasheet HTML 10Page - List of Unclassifed Manufacturers VDA Datasheet HTML 11Page - List of Unclassifed Manufacturers VDA Datasheet HTML 12Page - List of Unclassifed Manufacturers VDA Datasheet HTML 13Page - List of Unclassifed Manufacturers VDA Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AnaSem Inc.
9
Rev. C09-09
VDA 系列
低电压,低功耗,
±1% 高精度电压检测 CMOS 电压检测器
.......... Future of the analog world
一般特征
– 检测和释放电压 vs. 温度
VDA2010CTA (CMOS 2.0V)
VDA2510CTA (CMOS 2.5V)
VIN=0V~6.0V, Step=0.2V
90
70
50
30
10
-10
-30
-50
Ambient Temperature : Ta (°C)
2.15
2.13
2.11
2.07
2.05
2.03
2.01
1.99
1.97
1.95
-40
-20
0
20
40
60
80
2.09
VIN=0V~6.0V, Step=0.2V
90
70
50
30
10
-10
-30
-50
Ambient Temperature : Ta (°C)
2.68
2.66
2.64
2.60
2.58
2.56
2.54
2.52
2.50
2.48
Release Voltage
Detect Voltage
-40
-20
0
20
40
60
80
2.62
Release Voltage
Detect Voltage
VDA1020NTA (N-ch 1.0V)
VIN=0V~6.0V, Step=0.2V
90
70
50
30
10
-10
-30
-50
Ambient Temperature : Ta (°C)
1.08
1.07
1.06
1.04
1.03
1.02
1.01
1.00
1.99
0.98
-40
-20
0
20
40
60
80
1.05
Release Voltage
Detect Voltage
VDA1810NTA (N-ch 1.8V)
VIN=0V~6.0V, Step=0.2V
90
70
50
30
10
-10
-30
-50
Ambient Temperature : Ta (°C)
-40
-20
0
20
40
60
80
VDA2710NTA (N-ch 2.7V)
VIN=0V~6.0V, Step=0.2V
90
70
50
30
10
-10
-30
-50
Ambient Temperature : Ta (°C)
2.88
2.86
2.84
2.80
2.78
2.76
2.74
2.72
2.70
2.68
-40
-20
0
20
40
60
80
2.82
Release Voltage
Detect Voltage
VDA4010NTA (N-ch 4.0V)
VIN=0V~6.0V, Step=0.2V
90
70
50
30
10
-10
-30
-50
Ambient Temperature : Ta (°C)
4.30
4.25
4.15
4.10
4.05
4.00
3.95
-40
-20
0
20
40
60
80
4.20
Release Voltage
Detect Voltage
1.93
1.91
1.87
1.85
1.83
1.81
1.79
1.77
1.75
1.89
1.95
Release Voltage
Detect Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com