Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRR Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # VRR
Description  CMOS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VRR Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button VRR Datasheet HTML 7Page - List of Unclassifed Manufacturers VRR Datasheet HTML 8Page - List of Unclassifed Manufacturers VRR Datasheet HTML 9Page - List of Unclassifed Manufacturers VRR Datasheet HTML 10Page - List of Unclassifed Manufacturers VRR Datasheet HTML 11Page - List of Unclassifed Manufacturers VRR Datasheet HTML 12Page - List of Unclassifed Manufacturers VRR Datasheet HTML 13Page - List of Unclassifed Manufacturers VRR Datasheet HTML 14Page - List of Unclassifed Manufacturers VRR Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
AnaSem Inc.
10
Rev. C09-08
VRR 系列
高速度
, 低压差, ±1% 高输出精度 配ON/OFF开关电路CMOS稳压器
.......... Future of the analog world
一般特征
– 输出电压 vs. 输入电压
VRR1802xxx (VOUT=1.8V)
VRR1802xxx (VOUT=1.8V)
1.9
1.8
1.6
1.4
1.5
2.0
2.5
3.0
1.0
Input Voltage : VIN (V)
1.5
1.7
2.0
1mA
30mA
100mA
1.9
1.8
1.6
1.4
4.5
5.0
5.5
6.0
4.0
Input Voltage : VIN (V)
1.5
1.7
2.0
1mA
30mA
100mA
VRR2801xxx (VOUT=2.8V)
VRR2801xxx (VOUT=2.8V)
2.9
2.8
2.6
2.4
2.5
3.0
3.5
4.0
2.0
Input Voltage : VIN (V)
2.5
2.7
3.0
1mA
30mA
100mA
2.9
2.8
2.6
2.4
4.5
5.0
5.5
6.0
4.0
Input Voltage : VIN (V)
2.5
2.7
3.0
1mA
30mA
100mA
VRR1202xxx (VOUT=1.2V)
EN=VIN, Ta=25°C, CIN=CL=1.0µF
VRR1202xxx (VOUT=1.2V)
1.3
1.2
1.0
0.8
1.0
1.5
2.0
2.5
0.5
Input Voltage : VIN (V)
0.9
1.1
1.4
1mA
30mA
100mA
1.3
1.2
1.0
0.8
3.5
4.0
5.5
6.0
2.5
Input Voltage : VIN (V)
0.9
1.1
1.4
3.0
4.5
5.0
1mA
30mA
100mA
EN=VIN, Ta=25°C, CIN=CL=1.0µF
EN=VIN, Ta=25°C, CIN=CL=1.0µF
EN=VIN, Ta=25°C, CIN=CL=1.0µF
EN=VIN, Ta=25°C, CIN=CL=1.0µF
EN=VIN, Ta=25°C, CIN=CL=1.0µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com