Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRR Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # VRR
Description  CMOS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VRR Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  VRR Datasheet HTML 1Page - List of Unclassifed Manufacturers VRR Datasheet HTML 2Page - List of Unclassifed Manufacturers VRR Datasheet HTML 3Page - List of Unclassifed Manufacturers VRR Datasheet HTML 4Page - List of Unclassifed Manufacturers VRR Datasheet HTML 5Page - List of Unclassifed Manufacturers VRR Datasheet HTML 6Page - List of Unclassifed Manufacturers VRR Datasheet HTML 7Page - List of Unclassifed Manufacturers VRR Datasheet HTML 8Page - List of Unclassifed Manufacturers VRR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
AnaSem Inc.
2
Rev. C09-08
VRR 系列
高速度
, 低压差, ±1% 高输出精度 配ON/OFF开关电路CMOS稳压器
.......... Future of the analog world
产品型号定义
PIN脚排位 / IC封装记号 (SSOT-25 : R-类)
VRR
090 ~ 500 : 在0.9V~5.0V输出电压范围内能以
0.05V间隔来设定电压输出
e.g.) 090 : 0.90V, 285 : 2.85V
输出电压
输出精度
1 : ±1%
2 : ±20mV
放电功能
S : SSOT-25 (R-类)
IC封装类别
L : VOUT=0.9V~1.9V
N: VOUT=1.95V~5.0V
输出功能分类
X : 自动放电
IC封装记号
位置
记号
解说
A
R
产品系列标记
BCD
090~500
电压输出
E
X
电容放电功能
F
厂方设定
生产批号
Pin脚排位
位置
记号
解说
1
VIN
电压输入
2
VSS
接地
3
EN
ON/OFF检测
4
NC
不接
(开通)
5
VOUT
电压输出
VOUT
VSS
EN
(顶视图)
1
2
3
4
5
A B C D E
F
F F F
NC
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com