Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS8308 Datasheet(PDF) 12 Page - Princeton Technology Corp

Part # FS8308
Description  Low Power PLL Frequency Synthesizer IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

FS8308 Datasheet(HTML) 12 Page - Princeton Technology Corp

Back Button FS8308 Datasheet HTML 7Page - Princeton Technology Corp FS8308 Datasheet HTML 8Page - Princeton Technology Corp FS8308 Datasheet HTML 9Page - Princeton Technology Corp FS8308 Datasheet HTML 10Page - Princeton Technology Corp FS8308 Datasheet HTML 11Page - Princeton Technology Corp FS8308 Datasheet HTML 12Page - Princeton Technology Corp FS8308 Datasheet HTML 13Page - Princeton Technology Corp FS8308 Datasheet HTML 14Page - Princeton Technology Corp FS8308 Datasheet HTML 15Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Adv a nc e Inform ation
FS8308
Page 12
April 2003
Typical Characteristics
FIN Input Sensitivity vs. Input Frequency
0
100 200 300 400 500 600
-40
-36
-32
-28
-24
-20
-16
-12
-8
-4
0
Vdd2=3.0V
f
XIN=24MHz, R=5
f
FIN (MHz)
Vdd1=1.0V
Vdd1=1.1V
Vdd1=1.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com