Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS8308 Datasheet(PDF) 13 Page - Princeton Technology Corp

Part # FS8308
Description  Low Power PLL Frequency Synthesizer IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

FS8308 Datasheet(HTML) 13 Page - Princeton Technology Corp

Back Button FS8308 Datasheet HTML 7Page - Princeton Technology Corp FS8308 Datasheet HTML 8Page - Princeton Technology Corp FS8308 Datasheet HTML 9Page - Princeton Technology Corp FS8308 Datasheet HTML 10Page - Princeton Technology Corp FS8308 Datasheet HTML 11Page - Princeton Technology Corp FS8308 Datasheet HTML 12Page - Princeton Technology Corp FS8308 Datasheet HTML 13Page - Princeton Technology Corp FS8308 Datasheet HTML 14Page - Princeton Technology Corp FS8308 Datasheet HTML 15Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Adv a nc e Inform ation
FS8308
Page 13
April 2003
Current Consumption of Idd1 vs. Operating Frequency
Current Consumption of Idd2 vs. Supply Voltage Vdd2
0
100 200 300 400 500 600
0.0
0.4
0.8
1.2
1.6
2.0
Vdd1=1.0V
Vdd1=1.1V
Vdd1=1.2V
Vdd2=3.0V, Pfin=-15dBm
f
XIN=24MHz, R=5
f
FIN (MHz)
1.6 2.0 2.4 2.8 3.2 3.6 4.0
0.16
0.20
0.24
0.28
0.32
0.36
0.40
Vdd2 (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com