Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2001 Datasheet(PDF) 2 Page - Princeton Technology Corp

Part # PT2001
Description  2.2W횞2 Class-D Audio Power Amp. 2.2W횞2 Class-D Audio Power Amp. with Headphone Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2001 Datasheet(HTML) 2 Page - Princeton Technology Corp

  PT2001 Datasheet HTML 1Page - Princeton Technology Corp PT2001 Datasheet HTML 2Page - Princeton Technology Corp PT2001 Datasheet HTML 3Page - Princeton Technology Corp PT2001 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2001 PRE1.0
- 2 -
October , 2007
2.2W×2 Class-D Audio Power Amp.
with Headphone Output
Preliminary
PT2001
PIN CONFIGURATION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com