Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2001 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT2001
Description  2.2W횞2 Class-D Audio Power Amp. 2.2W횞2 Class-D Audio Power Amp. with Headphone Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2001 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT2001 Datasheet HTML 1Page - Princeton Technology Corp PT2001 Datasheet HTML 2Page - Princeton Technology Corp PT2001 Datasheet HTML 3Page - Princeton Technology Corp PT2001 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2001 PRE1.0
- 1 -
October , 2007
2.2W×2 Class-D Audio Power Amp.
with Headphone Output
Preliminary
PT2001
DESCRIPTION
The PT2001 is a Class-D power amplifier designed for audio equipments, maximum output power can
reach up to 2.2W x 2 (VDD= 5V, RL= 4Ω, THD= 10%). The PT2001 composed of exclusively designed
Class-D circuitry (patented) by PTC, along with the most advanced semi-conductor technology. When
compared to the traditional Class-AB amplifiers, the PT2001’s has a much higher efficiency (
>85%),
low heat dissipation, and produces superior audio quality. PT2001’s external circuitry is simple and
easily accessible, and consists of flawless self-protection capabilities. The chip’s packaging is small,
thus it occupies an insignificant amount of space on the circuit board; therefore, making it the
predominant choice when it comes to audio amplifiers.
FEATURES
• CMOS technology
• Stereo, differential input for improved CMRR.
• Maximum output power 2.2W (4Ω) x 2 @ THD=10%
• Operating on Both BTL (Bridged Tight Loaded) and SE (Single Ended) configuration
• No LC filter needed when driving speakers in BTL configuration.
• Driving 32Ω headphone on SE configuration.
• Highly Improved PSRR (>70dB) for powered from noisy PC-BUS power.
• Automatic gain-reduced during headphone attached to the amplifier.
• Shutdown function
• POP noiseless in shutdown and power ON/OFF period
• Built-in short circuit protection
• Built-in overheat protection
• High efficiency (8Ω load>85%), low heat dissipation
• TSSOP 20 pins miniature packages for saving PCB size.
APPLICATIONS
• Portable media player
• Portable DVD player
• LCD monitor
• Small multimedia speakers
• Hand-free phone
• Laptop
• Other audio applications


Similar Part No. - PT2001

ManufacturerPart #DatasheetDescription
logo
Alfatronix Ltd
PT200 ALFATRONIX-PT200 Datasheet
172Kb / 2P
PowerTector Series Low Voltage Disconnect
PT200 ALFATRONIX-PT200 Datasheet
106Kb / 2P
Solid State Battery GuardS
PT200-T ALFATRONIX-PT200-T Datasheet
106Kb / 2P
Solid State Battery GuardS
logo
NXP Semiconductors
PT2000 NXP-PT2000 Datasheet
3Mb / 148P
Programmable solenoid controller
Rev. 12, 1/2019
logo
Turck, Inc.
PT2000PSIG-13-LI3-H1131 TURCK-PT2000PSIG-13-LI3-H1131 Datasheet
104Kb / 4P
Pressure Transmitter – With Current Output (2-Wire)
11/08/2023
More results

Similar Description - PT2001

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1513 AD-ADAU1513 Datasheet
472Kb / 16P
Class-D Audio Power Stage
5/07-Revision 0
logo
Elite Semiconductor Mem...
AD5266 ESMT-AD5266 Datasheet
82Kb / 2P
16V STEREO CLASS-D AUDIO POWER AMPLIFIER with STEREO HEADPHONE
logo
Asahi Kasei Microsystem...
AK7841 AKM-AK7841 Datasheet
469Kb / 21P
Monaural Audio Class-D Amp with Power Booster for PiezoSpeaker
AK7844 AKM-AK7844 Datasheet
418Kb / 21P
Stereo Audio Class-D Amp with Power Booster for Piezo Speakers
AK7846 AKM-AK7846 Datasheet
427Kb / 16P
Stereo Audio Class-D Amp with Power Booster for Piezo Speakers
logo
Princeton Technology Co...
PT2332 PTC-PT2332 Datasheet
208Kb / 5P
2.2W횞2 Class-D Audio Power Amplifier
logo
Texas Instruments
TPA2015D1 TI1-TPA2015D1 Datasheet
1Mb / 33P
Constant Output Power Class-D Audio Amplifier
TPA2025D1 TI1-TPA2025D1_14 Datasheet
1Mb / 29P
Constant Output Power Class-D Audio Amplifier
TPA2013D1 TI1-TPA2013D1_16 Datasheet
1Mb / 40P
Constant Output Power Class-D Audio Amplifier
TPA2080D1 TI1-TPA2080D1_16 Datasheet
1Mb / 29P
Constant Output Power Class-D Audio Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com