Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2249AL Datasheet(PDF) 7 Page - Princeton Technology Corp

Part # PT2249AL
Description  Remote Control Receiver IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2249AL Datasheet(HTML) 7 Page - Princeton Technology Corp

Back Button PT2249AL Datasheet HTML 3Page - Princeton Technology Corp PT2249AL Datasheet HTML 4Page - Princeton Technology Corp PT2249AL Datasheet HTML 5Page - Princeton Technology Corp PT2249AL Datasheet HTML 6Page - Princeton Technology Corp PT2249AL Datasheet HTML 7Page - Princeton Technology Corp PT2249AL Datasheet HTML 8Page - Princeton Technology Corp PT2249AL Datasheet HTML 9Page - Princeton Technology Corp PT2249AL Datasheet HTML 10Page - Princeton Technology Corp PT2249AL Datasheet HTML 11Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2249A_PT2250A V2.6
- 7 -
May, 2007
Remote Control Receiver IC
PT2249A_PT2250A
CODING
CODE1, CODE2 and CODE3 are internally pulled up to Vcc by pull-up resistors.
To encode each code bit to “1”:
Open the corresponding CODE pin, or Insert a capacitor between CODE pin and Vss.
To encode each Code bit to “0”:
Connect the corresponding CODE pin to Vss.
EXPLANATION OF OUTPUT TYPES: SP, HP AND CP
SINGLE PULSE (SP1~SP10)
If there is no error in the receiving signal of the 12-bit data check, it will generate a single pulse output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com