Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2249AL Datasheet(PDF) 16 Page - Princeton Technology Corp

Part # PT2249AL
Description  Remote Control Receiver IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2249AL Datasheet(HTML) 16 Page - Princeton Technology Corp

Back Button PT2249AL Datasheet HTML 12Page - Princeton Technology Corp PT2249AL Datasheet HTML 13Page - Princeton Technology Corp PT2249AL Datasheet HTML 14Page - Princeton Technology Corp PT2249AL Datasheet HTML 15Page - Princeton Technology Corp PT2249AL Datasheet HTML 16Page - Princeton Technology Corp PT2249AL Datasheet HTML 17Page - Princeton Technology Corp PT2249AL Datasheet HTML 18Page - Princeton Technology Corp PT2249AL Datasheet HTML 19Page - Princeton Technology Corp PT2249AL Datasheet HTML 20Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2249A_PT2250A V2.6
- 16 -
May, 2007
Remote Control Receiver IC
PT2249A_PT2250A
ORDER INFORMATION
Valid Part Number
Package Type
Top Code
PT2249A
16 Pins, DIP, 300mil
PT2249A
PT2249AHN
16 Pins, DIP, 300mil
PT2249AHN
PT2249AL
16 Pins, DIP, 300mil
PT2249AL
PT2249A-SN
16 Pins, SOP, 150mil
PT2249A-SN
PT2250A
24 Pins, DIP, 600mil
PT2250A
Functions:
1. A – Advanced Version
2. N – Inversed RXIN Input
3. L – Advanced Dependent Cyclic (Toggle) Outputs
4. H – Output Format same as “L”, except that when HP1 or HP2 is active, it will clear CP1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com