Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRD08PLX Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # VRD08PLX
Description  CMOS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VRD08PLX Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button VRD08PLX Datasheet HTML 16Page - List of Unclassifed Manufacturers VRD08PLX Datasheet HTML 17Page - List of Unclassifed Manufacturers VRD08PLX Datasheet HTML 18Page - List of Unclassifed Manufacturers VRD08PLX Datasheet HTML 19Page - List of Unclassifed Manufacturers VRD08PLX Datasheet HTML 20Page - List of Unclassifed Manufacturers VRD08PLX Datasheet HTML 21Page - List of Unclassifed Manufacturers VRD08PLX Datasheet HTML 22Page - List of Unclassifed Manufacturers VRD08PLX Datasheet HTML 23Page - List of Unclassifed Manufacturers VRD08PLX Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
AnaSem Inc.
19
Rev. C09-08
VRD 系列
高速度
, 低压差, ±1% 高输出精度 CMOS双路稳压器
.......... Future of the analog world
一般特征
– 输入瞬态响应 (IOUT=1mA)
VRD (VOUT=1.5V)
VIN=EN, Tr=Tf=5µs, Ta=25°C, CIN=CL=1.0µF
4
3
1
-1
0
2
5
Time (20µs/div)
1.65
1.60
1.50
1.40
1.45
1.55
1.70
VRD (VOUT=1.8V)
VIN=EN, Tr=Tf=5µs, Ta=25°C, CIN=CL=1.0µF
Time (20µs/div)
VRD (VOUT=2.8V)
VIN=EN, Tr=Tf=5µs, Ta=25°C, CIN=CL=1.0µF
5
4
2
0
1
3
6
Time (20µs/div)
VRD (VOUT=3.3V)
VIN=EN, Tr=Tf=5µs, Ta=25°C, CIN=CL=1.0µF
Time (20µs/div)
4
3
1
-1
0
2
5
1.95
1.90
1.80
1.70
1.75
1.85
2.00
2.95
2.90
2.80
2.70
2.75
2.85
3.00
5
4
2
0
1
3
6
3.45
3.40
3.30
3.20
3.25
3.35
3.50
Input Voltage
Output Voltage
Input Voltage
Output Voltage
Input Voltage
Output Voltage
Input Voltage
Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com