Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRD08PLX Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # VRD08PLX
Description  CMOS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VRD08PLX Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button VRD08PLX Datasheet HTML 26Page - List of Unclassifed Manufacturers VRD08PLX Datasheet HTML 27Page - List of Unclassifed Manufacturers VRD08PLX Datasheet HTML 28Page - List of Unclassifed Manufacturers VRD08PLX Datasheet HTML 29Page - List of Unclassifed Manufacturers VRD08PLX Datasheet HTML 30Page - List of Unclassifed Manufacturers VRD08PLX Datasheet HTML 31Page - List of Unclassifed Manufacturers VRD08PLX Datasheet HTML 32Page - List of Unclassifed Manufacturers VRD08PLX Datasheet HTML 33Page - List of Unclassifed Manufacturers VRD08PLX Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
AnaSem Inc.
29
Rev. C09-08
VRD 系列
高速度
, 低压差, ±1% 高输出精度 CMOS双路稳压器
.......... Future of the analog world
IC封装尺寸 (SOT-26)
贴装尺寸建议
0.7
1.9
0.95
0.95
0.7
2.9±0.2
1.9±0.2
0.95
0.95
a
(Marked Side)
a = 0.4
+0.10
–0.20
a
a
a
a
Flat length = 0.2 min.
a
0.5
+0.10
–0.20
(单位 : mm)
0~10°
0.15
+0.11
–0.06
0~0.1
1.1±0.15
0~30°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com