Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT6547 Datasheet(PDF) 21 Page - Princeton Technology Corp

Part # PT6547
Description  LCD Driver IC with Key Input Function
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6547 Datasheet(HTML) 21 Page - Princeton Technology Corp

Back Button PT6547 Datasheet HTML 17Page - Princeton Technology Corp PT6547 Datasheet HTML 18Page - Princeton Technology Corp PT6547 Datasheet HTML 19Page - Princeton Technology Corp PT6547 Datasheet HTML 20Page - Princeton Technology Corp PT6547 Datasheet HTML 21Page - Princeton Technology Corp PT6547 Datasheet HTML 22Page - Princeton Technology Corp PT6547 Datasheet HTML 23Page - Princeton Technology Corp PT6547 Datasheet HTML 24Page - Princeton Technology Corp PT6547 Datasheet HTML 25Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT6547 V1.2
- 21 -
January, 2006
LCD Driver IC with Key Input Function
PT6547
ABSOLUTE MAXIMUM RATINGS
(Unless otherwise specified, Ta=25°C, Vss=0V)
Parameter
Symbol
Conditions
Rating
Unit
Maximum supply voltage
VDD max
VDD
-0.3 to +7.0
V
Maximum supply voltage
VLCD max VLCD
-0.3 to +7.0
V
VIN1
DIN, CLK, STB, /RES
-0.3 to VDD+0.3
V
VIN2
OSC, TEST
-0.3 to VDD+0.3
V
Input voltage
VIN3
VLCD1, VLCD2, KI1 to KI5
-0.3 to VLCD+0.3
V
VOUT1
DOUT
-0.3 to VDD+0.3
V
VOUT2
OSC
-0.3 to VDD+0.3
V
Output voltage
VOUT3
SG1 to SG76, COM1 to COM4,
KS1 to KS6, P1 to P8
-0.3 to VLCD+0.3
V
IOUT1
SG1 to SG76
300
µA
IOUT2
COM1 to COM4
3
mA
IOUT3
KS1 to KS6
1
mA
Output current
IOUT4
P1 to P8
5
mA
Allowable power
dissipation
Pd max
Ta=85°C
200
mW
Operating temperature
Topr
-40 to +85
°C
Storage temperature
Tstg
-65 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com