Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT6547 Datasheet(PDF) 13 Page - Princeton Technology Corp

Part # PT6547
Description  LCD Driver IC with Key Input Function
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6547 Datasheet(HTML) 13 Page - Princeton Technology Corp

Back Button PT6547 Datasheet HTML 9Page - Princeton Technology Corp PT6547 Datasheet HTML 10Page - Princeton Technology Corp PT6547 Datasheet HTML 11Page - Princeton Technology Corp PT6547 Datasheet HTML 12Page - Princeton Technology Corp PT6547 Datasheet HTML 13Page - Princeton Technology Corp PT6547 Datasheet HTML 14Page - Princeton Technology Corp PT6547 Datasheet HTML 15Page - Princeton Technology Corp PT6547 Datasheet HTML 16Page - Princeton Technology Corp PT6547 Datasheet HTML 17Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT6547 V1.2
- 13 -
January, 2006
LCD Driver IC with Key Input Function
PT6547
COMMAND 4: DISPLAY CONTROL COMMANDS
The Display Control Commands are used to Sleep Mode control and all segment off.
When bit 1 (b0) is set to “1”, the segment display state is “ON”; When bit 1 (b0) is set to “0”, the
segment display state is “OFF”. This “OFF” state is achieved by outputting segment “OFF” waveforms
from the segment output pins.
Bit 2 to 3 (b1 to b2) are switch between Normal and Sleep Mode. Set the key states of the KS1 to KS6
key scan outputs during key scan standby.
Bit 8 (b7) is given the value of “1” while bit 7 to bit 4 (b6 to b3) is given the value of “0”. Please refer to
the diagram below.
When power is turned on, the bit 3 to bit 1 (b2 to b0) are given the value of “0”.
MSB
LSB
1
0
0
0
0
b2 b1 b0
Segment all OFF control setting:
0: OFF
1: ON
Sleep Control setting:
Control Bit
Output pins state during
key scan standby
b2
b1
Mode
OSC
oscillator
Segment/Common
Output state
KS1 KS2 KS3 KS4 KS5 KS6
0
0
Normal Operating
Operating
“H” “H” “H” “H” “H” “H”
0
1
“L”
“L”
“L”
“L”
“L”
“H”
1
0
“L”
“L”
“L”
“L”
“H” “H”
1
1
Sleep
Stopped
“L”
“H” “H” “H” “H” “H” “H”
*Note: Assumes that SG75/KS1 and SG76/KS2 output pins are selected for key scan output.
SLEEP MODE
Sleep mode is set up by setting b2 or b1 in the control bit to “1”. The segment and common outputs will
all go low, and the oscillator on the OSC pin will stop (it will be started by a key press). This mode could
reduce power dissipation. This mode is cleared by sending control data with both b2 and b1 set to “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com