Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3035 Datasheet(PDF) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # MBR3035
Description  Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

MBR3035 Datasheet(HTML) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  MBR3035 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. MBR3035 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd. MBR3035 Datasheet HTML 3Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MBR3020 THRU MBR30100
Features
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
MBR3020
20V
14V
20V
MBR3030
30V
21V
30V
MBR3035
35V
24.5V
35V
MBR3040
40V
28V
40V
MBR3045
45V
31.5V
45V
MBR3060
60V
42V
60V
MBR3080
80V
56V
80V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
30 A
TL =1
05°C
Peak Forward Surge
Current
IFSM
400A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
IFM = 30.0A;
TA = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
1.0 mA T
A = 25
°C
Typical Junction
Capacitance
CJ
200pF
Measured at
1.0MHz, VR=4.0V
Maximum Ratings
•
Metal of siliconrectifier, majonty carrier conducton
•
Guard ring for transient protection
•
Low power loss high efficiency
•
High surge capacity, High current capability
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 1%
MBR3020-3045
MBR3060
MBR3080-30100
.63 V
.84 V
.75 V
MBR30100
100V
70V
100V
A
N
E
D
C
K
H
V
U
L
G
B
Q
1
2
PIN 1:
ANODE
PIN 2:
ANODE
CASE:
CATHODE
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
A
1.550
REF
39.37
REF
B
-----
1.050
-----
26.67
C
.250
.335
6.35
8.51
D
.038
.043
0.97
1.09
E
.055
.070
1.40
1.77
G
.430
BSC
10.92
BSC
H
.215
BSC
5.46
BSC
K
.440
.480
11.18
12.19
L
.665
BSC
16.89
BSC
N
-----
.830
-----
21.08
Q
.151
.165
3.84
4.19
U
1.187
BSC
30.15
BSC
V
.131
1.88
3.33
4.77
TO-3
Web Site: WWW.PS-PFS.COM


Similar Part No. - MBR3035

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR3035 MCC-MBR3035 Datasheet
132Kb / 3P
30 Amp Rectifier 20 to 100 Volts Schottky Barrier
logo
Gaomi Xinghe Electronic...
MBR3035 GXELECTRONICS-MBR3035 Datasheet
540Kb / 3P
30 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Sangdest Microelectroni...
MBR3035 SMC-MBR3035 Datasheet
170Kb / 6P
Guard ring for enhanced ruggedness and long term reliability
logo
SMC Diode Solutions Co....
MBR3035 SMCDIODE-MBR3035 Datasheet
357Kb / 6P
MBR3035/3045CT MBRB3035/3045CT MBR3035/3045CT-1 SCHOTTKY RECTIFIER
Rev. A
logo
Jiangsu High diode Semi...
MBR3035-F-CT HDSEMI-MBR3035-F-CT Datasheet
1Mb / 3P
TO-220 Plastic-Encapsulate Diodes
More results

Similar Description - MBR3035

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com