Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32C Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # 32C
Description  RENESAS MCU
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button 32C Datasheet HTML 36Page - Renesas Technology Corp 32C Datasheet HTML 37Page - Renesas Technology Corp 32C Datasheet HTML 38Page - Renesas Technology Corp 32C Datasheet HTML 39Page - Renesas Technology Corp 32C Datasheet HTML 40Page - Renesas Technology Corp 32C Datasheet HTML 41Page - Renesas Technology Corp 32C Datasheet HTML 42Page - Renesas Technology Corp 32C Datasheet HTML 43Page - Renesas Technology Corp 32C Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 55 page
background image
R8C/32C Group
5. Electrical Characteristics
R01DS0009EJ0100 Rev 1.00
Page 40 of 52
Aug. 24, 2010
Note:
1.
4.2 V
≤ VCC ≤ 5.5 V and Topr = −20 to 85°C (N version) / −40 to 85°C (D version), f(XIN) = 20 MHz, unless otherwise specified.
Table 5.16
Electrical Characteristics (1) [4.2 V
≤ Vcc ≤ 5.5 V]
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
VOH
Output “H”
voltage
Other than XOUT
Drive capacity High VCC = 5 V IOH =
−20 mA
VCC
− 2.0
−
VCC
V
Drive capacity Low VCC = 5 V IOH =
−5 mA
VCC
− 2.0
−
VCC
V
XOUT
VCC = 5 V
IOH =
−200 µA1.0
−
VCC
V
VOL
Output “L”
voltage
Other than XOUT
Drive capacity High VCC = 5 V IOL = 20 mA
−−
2.0
V
Drive capacity Low VCC = 5 V IOL = 5 mA
−−
2.0
V
XOUT
VCC = 5 V
IOL = 200
µA
−−
0.5
V
VT+-VT-
Hysteresis
INT0, INT1, INT3,
KI0, KI1, KI2, KI3,
TRAIO, TRBO,
TRCIOA, TRCIOB,
TRCIOC, TRCIOD,
TRCTRG,
TRCCLK, ADTRG,
RXD0, RXD2,
CLK0, CLK2,
SSI, SCL, SDA,
SSO
0.1
1.2
−
V
RESET
0.1
1.2
−
V
IIH
Input “H” current
VI = 5 V, VCC = 5.0 V
−−
5.0
µA
IIL
Input “L” current
VI = 0 V, VCC = 5.0 V
−−
−5.0
µA
RPULLUP
Pull-up resistance
VI = 0 V, VCC = 5.0 V
25
50
100
k
Ω
RfXIN
Feedback
resistance
XIN
−
0.3
−
M
Ω
RfXCIN
Feedback
resistance
XCIN
−
8
−
M
Ω
VRAM
RAM hold voltage
During stop mode
1.8
−−
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com