Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32C Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # 32C
Description  RENESAS MCU
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button 32C Datasheet HTML 25Page - Renesas Technology Corp 32C Datasheet HTML 26Page - Renesas Technology Corp 32C Datasheet HTML 27Page - Renesas Technology Corp 32C Datasheet HTML 28Page - Renesas Technology Corp 32C Datasheet HTML 29Page - Renesas Technology Corp 32C Datasheet HTML 30Page - Renesas Technology Corp 32C Datasheet HTML 31Page - Renesas Technology Corp 32C Datasheet HTML 32Page - Renesas Technology Corp 32C Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 55 page
background image
R8C/32C Group
5. Electrical Characteristics
R01DS0009EJ0100 Rev 1.00
Page 29 of 52
Aug. 24, 2010
Notes:
1.
VCC/AVCC = Vref = 2.2 to 5.5 V, VSS = 0 V and Topr =
−20 to 85°C (N version) / −40 to 85°C (D version), unless otherwise
specified.
2.
The A/D conversion result will be undefined in wait mode, stop mode, when the flash memory stops, and in low-current-
consumption mode. Do not perform A/D conversion in these states or transition to these states during A/D conversion.
3.
When the analog input voltage is over the reference voltage, the A/D conversion result will be 3FFh in 10-bit mode and FFh in
8-bit mode.
Notes:
1.
VCC = 2.7 to 5.5 V, Topr =
−20 to 85°C (N version) / −40 to 85°C (D version), unless otherwise specified.
2.
When the digital filter is disabled.
Table 5.3
A/D Converter Characteristics
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
−
Resolution
Vref = AVCC
−−
10
Bit
−
Absolute accuracy
10-bit mode
Vref = AVCC = 5.0 V
AN8 to AN11 input
−−
±3
LSB
Vref = AVCC = 3.3 V
AN8 to AN11 input
−−
±5
LSB
Vref = AVCC = 3.0 V
AN8 to AN11 input
−−
±5
LSB
Vref = AVCC = 2.2 V
AN8 to AN11 input
−−
±5
LSB
8-bit mode
Vref = AVCC = 5.0 V
AN8 to AN11 input
−−
±2
LSB
Vref = AVCC = 3.3 V
AN8 to AN11 input
−−
±2
LSB
Vref = AVCC = 3.0 V
AN8 to AN11 input
−−
±2
LSB
Vref = AVCC = 2.2 V
AN8 to AN11 input
−−
±2
LSB
φAD
A/D conversion clock
4.0 V
≤ Vref = AVCC ≤ 5.5 V (2)
2
−
20
MHz
3.2 V
≤ Vref = AVCC ≤ 5.5 V (2)
2
−
16
MHz
2.7 V
≤ Vref = AVCC ≤ 5.5 V (2)
2
−
10
MHz
2.2 V
≤ Vref = AVCC ≤ 5.5 V (2)
2
−
5MHz
−
Tolerance level impedance
−
3
−
k
Ω
tCONV
Conversion time
10-bit mode
Vref = AVCC = 5.0 V,
φAD = 20 MHz
2.2
−−
µs
8-bit mode
Vref = AVCC = 5.0 V,
φAD = 20 MHz
2.2
−−
µs
tSAMP
Sampling time
φAD = 20 MHz
0.8
−−
µs
IVref
Vref current
VCC = 5 V, XIN = f1 =
φAD = 20 MHz
−
45
−µA
Vref
Reference voltage
2.2
−
AVCC
V
VIA
Analog input voltage (3)
0
−
Vref
V
OCVREF On-chip reference voltage
2 MHz
≤ φAD ≤ 4 MHz
1.19
1.34
1.49
V
Table 5.4
Comparator B Electrical Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vref
IVREF1, IVREF3 input reference voltage
0
−
VCC
− 1.4
V
VI
IVCMP1, IVCMP3 input voltage
−0.3
−
VCC
+ 0.3
V
−
Offset
−
5
100
mV
td
Comparator output delay time (2)
VI = Vref ± 100 mV
−
0.1
−µs
ICMP
Comparator operating current
VCC = 5.0 V
−
17.5
−µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com