Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R32C Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # R32C
Description  RENESAS MCU
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R32C Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button R32C Datasheet HTML 42Page - Renesas Technology Corp R32C Datasheet HTML 43Page - Renesas Technology Corp R32C Datasheet HTML 44Page - Renesas Technology Corp R32C Datasheet HTML 45Page - Renesas Technology Corp R32C Datasheet HTML 46Page - Renesas Technology Corp R32C Datasheet HTML 47Page - Renesas Technology Corp R32C Datasheet HTML 48Page - Renesas Technology Corp R32C Datasheet HTML 49Page - Renesas Technology Corp R32C Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 116 page
background image
REJ03B0298-0100
Rev.1.00
Page 46 of 113
Jul 16, 2010
R32C/117A Group
4. Special Function Registers (SFRs)
Note:
1.
The bit 7 is 0 in the 144-pin package and 1 in the 176-pin package.
Table 4.17
SFR List (17)
Address
Register
Symbol
Reset Value
0003E0h Port P16 Register
P16
XXh
0003E1h Port P17 Register
P17
XXh
0003E2h Port P16 Direction Register
PD16
0000 0000b
0003E3h Port P17 Direction Register
PD17
0000 0000b
0003E4h Port P18 Register
P18
XXh
0003E5h Port P19 Register
P19
XXh
0003E6h Port P18 Direction Register
PD18
0000 0000b
0003E7h Port P19 Direction Register
PD19
0000 0000b
0003E8h
0003E9h
0003EAh
0003EBh
0003ECh
0003EDh
0003EEh
0003EFh
0003F0h Pull-up Control Register 0
PUR0
0000 0000b
0003F1h Pull-up Control Register 1
PUR1
XXXX X0XXb
0003F2h Pull-up Control Register 2
PUR2
X00X XXXXb
0003F3h Pull-up Control Register 3
PUR3
00XX 0000b
0003F4h Pull-up Control Register 4
PUR4
0XXX 0000b
0003F5h Pull-up Control Register 5
PUR5
XXXX 0000b
0003F6h
0003F7h
0003F8h
0003F9h
0003FAh
0003FBh
0003FCh
0003FDh
0003FEh
0003FFh Port Control Register
PCR
?0XX 0XX0b (1)
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com