Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R32C Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # R32C
Description  RENESAS MCU
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R32C Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button R32C Datasheet HTML 48Page - Renesas Technology Corp R32C Datasheet HTML 49Page - Renesas Technology Corp R32C Datasheet HTML 50Page - Renesas Technology Corp R32C Datasheet HTML 51Page - Renesas Technology Corp R32C Datasheet HTML 52Page - Renesas Technology Corp R32C Datasheet HTML 53Page - Renesas Technology Corp R32C Datasheet HTML 54Page - Renesas Technology Corp R32C Datasheet HTML 55Page - Renesas Technology Corp R32C Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 116 page
background image
REJ03B0298-0100
Rev.1.00
Page 52 of 113
Jul 16, 2010
R32C/117A Group
4. Special Function Registers (SFRs)
Table 4.23
SFR List (23)
Address
Register
Symbol
Reset Value
040120h Port P16_0 Function Select Register
P16_0S
X0XX X000b
040121h Port P17_0 Function Select Register
P17_0S
X0XX X000b
040122h Port P16_1 Function Select Register
P16_1S
X0XX X000b
040123h Port P17_1 Function Select Register
P17_1S
X0XX X000b
040124h Port P16_2 Function Select Register
P16_2S
X0XX X000b
040125h Port P17_2 Function Select Register
P17_2S
X0XX X000b
040126h Port P16_3 Function Select Register
P16_3S
X0XX X000b
040127h Port P17_3 Function Select Register
P17_3S
X0XX X000b
040128h Port P16_4 Function Select Register
P16_4S
X0XX X000b
040129h Port P17_4 Function Select Register
P17_4S
XXXX X000b
04012Ah Port P16_5 Function Select Register
P16_5S
X0XX X000b
04012Bh Port P17_5 Function Select Register
P17_5S
XXXX X000b
04012Ch Port P16_6 Function Select Register
P16_6S
X0XX X000b
04012Dh Port P17_6 Function Select Register
P17_6S
XXXX X000b
04012Eh Port P16_7 Function Select Register
P16_7S
X0XX X000b
04012Fh Port P17_7 Function Select Register
P17_7S
XXXX X000b
040130h Port P18_0 Function Select Register
P18_0S
XXXX X000b
040131h Port P19_0 Function Select Register
P19_0S
XXXX X000b
040132h Port P18_1 Function Select Register
P18_1S
XXXX X000b
040133h Port P19_1 Function Select Register
P19_1S
XXXX X000b
040134h Port P18_2 Function Select Register
P18_2S
XXXX X000b
040135h Port P19_2 Function Select Register
P19_2S
XXXX X000b
040136h Port P18_3 Function Select Register
P18_3S
XXXX X000b
040137h Port P19_3 Function Select Register
P19_3S
XXXX X000b
040138h Port P18_4 Function Select Register
P18_4S
XXXX X000b
040139h Port P19_4 Function Select Register
P19_4S
XXXX X000b
04013Ah Port P18_5 Function Select Register
P18_5S
XXXX X000b
04013Bh Port P19_5 Function Select Register
P19_5S
XXXX X000b
04013Ch Port P18_6 Function Select Register
P18_6S
XXXX X000b
04013Dh Port P19_6 Function Select Register
P19_6S
XXXX X000b
04013Eh Port P18_7 Function Select Register
P18_7S
XXXX X000b
04013Fh Port P19_7 Function Select Register
P19_7S
XXXX X000b
040140h
040141h
040142h
040143h
040144h
040145h
040146h
040147h
040148h
040149h
04014Ah
04014Bh
04014Ch
04014Dh
04014Eh
04014Fh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com