Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2M122ANDD Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # R5F2M122ANDD
Description  RENESAS MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2M122ANDD Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button R5F2M122ANDD Datasheet HTML 35Page - Renesas Technology Corp R5F2M122ANDD Datasheet HTML 36Page - Renesas Technology Corp R5F2M122ANDD Datasheet HTML 37Page - Renesas Technology Corp R5F2M122ANDD Datasheet HTML 38Page - Renesas Technology Corp R5F2M122ANDD Datasheet HTML 39Page - Renesas Technology Corp R5F2M122ANDD Datasheet HTML 40Page - Renesas Technology Corp R5F2M122ANDD Datasheet HTML 41Page - Renesas Technology Corp R5F2M122ANDD Datasheet HTML 42Page - Renesas Technology Corp R5F2M122ANDD Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
R8C/M11A Group, R8C/M12A Group
4. Electrical Characteristics
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0010EJ0010 Rev.0.10
Page 39 of 45
Aug 25, 2010
Figure 4.10
Serial Interface Timing When Vcc = 3 V
Notes:
1. When the digital filter is enabled by the INTi input filter select bit, the INTi input high width is (1/digital filter clock frequency × 3)
or the minimum value of the standard, whichever is greater.
2. When the digital filter is enabled by the INTi input filter select bit, the INTi input low width is (1/digital filter clock frequency × 3)
or the minimum value of the standard, whichever is greater.
Figure 4.11
Timing for External Interrupt INTi Input and Key Input Interrupt KIi When Vcc = 3 V
Table 4.23
Serial Interface
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(CK)
CLK0 input cycle time
300
—
ns
tW(CKH)
CLK0 input high width
150
—
ns
tW(CKL)
CLK0 input low width
150
—
ns
td(C-Q)
TXD0 output delay time
—
80
ns
th(C-Q)
TXD0 hold time
0—
ns
tsu(D-C)
RXD0 input setup time
70
—
ns
th(C-D)
RXD0 input hold time
90
—
ns
Table 4.24
External Interrupt INTi Input, Key Input Interrupt KIi (i = 0 to 3)
Symbol
Parameter
Standard
Unit
Min.
Max.
tW(INH)
INTi input high width, KIi input high width
380 (1)
—ns
tW(INL)
INTi input low width, KIi input low width
380 (2)
—ns
Vcc = 3 V
CLK0
tW(CKH)
tC(CK)
tW(CKL)
TXD0
RXD0
tsu(D-C)
td(C-Q)
th(C-D)
th(C-Q)
Vcc = 3 V
INTi input
KIi input
(i = 0 to 3)
tW(INL)
tW(INH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com