Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2M122ANDD Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # R5F2M122ANDD
Description  RENESAS MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2M122ANDD Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button R5F2M122ANDD Datasheet HTML 17Page - Renesas Technology Corp R5F2M122ANDD Datasheet HTML 18Page - Renesas Technology Corp R5F2M122ANDD Datasheet HTML 19Page - Renesas Technology Corp R5F2M122ANDD Datasheet HTML 20Page - Renesas Technology Corp R5F2M122ANDD Datasheet HTML 21Page - Renesas Technology Corp R5F2M122ANDD Datasheet HTML 22Page - Renesas Technology Corp R5F2M122ANDD Datasheet HTML 23Page - Renesas Technology Corp R5F2M122ANDD Datasheet HTML 24Page - Renesas Technology Corp R5F2M122ANDD Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
R8C/M11A Group, R8C/M12A Group
3. Address Space
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0010EJ0010 Rev.0.10
Page 21 of 45
Aug 25, 2010
Note:
1. The blank areas are reserved. No access is allowed.
Table 3.7
SFR Information (7) (1)
Address
Register Name
Symbol
After Reset
00180h
Comparator B Control Register
WCMPR
00h
00181h
Comparator B1 Interrupt Control Register
WCB1INTR
00h
00182h
Comparator B3 Interrupt Control Register
WCB3INTR
00h
00183h
00184h
00185h
00186h
00187h
00188h
00189h
0018Ah
0018Bh
0018Ch
0018Dh
0018Eh
0018Fh
00190h
00191h
00192h
00193h
00194h
00195h
00196h
00197h
00198h
00199h
0019Ah
0019Bh
0019Ch
0019Dh
0019Eh
0019Fh
001A0h
001A1h
001A2h
001A3h
001A4h
001A5h
001A6h
001A7h
001A8h
001A9h
Flash Memory Status Register
FST
10000000b
001AAh
Flash Memory Control Register 0
FMR0
00h
001ABh
Flash Memory Control Register 1
FMR1
00h
001ACh
Flash Memory Control Register 2
FMR2
00h
001ADh
Flash Memory Refresh Control Register
FREFR
00h
001AEh
001AFh
001B0h
001B1h
001B2h
001B3h
001B4h
001B5h
001B6h
001B7h
001B8h
001B9h
001BAh
001BBh
001BCh
001BDh
001BEh
001BFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com