Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7451 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7451
Description  Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7451 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7451 Datasheet HTML 14Page - Analog Devices AD7451 Datasheet HTML 15Page - Analog Devices AD7451 Datasheet HTML 16Page - Analog Devices AD7451 Datasheet HTML 17Page - Analog Devices AD7451 Datasheet HTML 18Page - Analog Devices AD7451 Datasheet HTML 19Page - Analog Devices AD7451 Datasheet HTML 20Page - Analog Devices AD7451 Datasheet HTML 21Page - Analog Devices AD7451 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD7441/AD7451
Rev. D | Page 18 of 24
MODES OF OPERATION
The operating mode of the AD7441/AD7451 is selected by
controlling the logic state of the CS signal during a conversion.
There are two operating modes: normal mode and power-down
mode. The point at which CS is pulled high after the conversion
is initiated determines whether the part enters power-down mode.
Similarly, if already in power-down, CS controls whether the
device returns to normal operation or remains in power-down.
These modes provide flexible power management options that
can optimize the power dissipation/throughput rate ratio for
differing application requirements.
NORMAL MODE
This mode is intended for fastest throughput rate performance.
The user does not have to worry about any power-up times with
the AD7441/AD7451 remaining fully powered up all the time.
Figure 29 shows the general diagram of the operation of the
AD7441/AD7451 in this mode. The conversion is initiated
on the falling edge of CS (see the
section). To
ensure that the part remains fully powered up,
Serial Interface
CS must remain
low until at least 10 SCLK falling edges elapse after the falling
edge of CS.
If CS is brought high any time after the 10th SCLK falling edge,
but before the 16th SCLK falling edge, the part remains pow-
ered up, however the conversion is terminated and SDATA goes
back into three-state. Sixteen serial clock cycles are required to
complete the conversion and access the complete conversion
result. CS can idle high until the next conversion or can idle
low until sometime prior to the next conversion. Once a data
transfer is complete—that is, when SDATA has returned to
three-state—another conversion can be initiated after the
quiet time, tQUIET, elapses again bringing CS low.
110
CS
SCLK
SDATA
16
4 LEADING ZEROS + CONVERSION RESULT
Figure 29. Normal Mode Operation
POWER-DOWN MODE
This mode is intended for use in applications where slower
throughput rates are required; either the ADC is powered
down between each conversion or a series of conversions can
be performed at a high throughput rate and the ADC is then
powered down for a relatively long duration between these
bursts of conversions. When the AD7441/AD7451 are in
power-down mode, all analog circuitry is powered down.
For the AD7441/AD7451 to enter power-down mode, the
conversion process must be interrupted by bringing CS high
anywhere after the second falling edge of SCLK and before
the 10th falling edge of SCLK, as shown in
.
Figure 30
Once CS has been brought high in this window of SCLKs, the
part enters power-down, the conversion that was initiated by
the falling edge of CS is terminated, and SDATA goes back into
three-state. The time from the rising edge of CS to SDATA
three-state enabled is never greater than t8 (see the
section). If
Timing
Specifications
CS is brought high before the second
SCLK falling edge, the part remains in normal mode and does
not power down. This avoids accidental power-down due to
glitches on the CS line.
To exit power-down mode and power up the AD7441/AD7451
again, a dummy conversion is performed. On the falling edge
of CS, the device begins to power up and continues to do so
as long as CS is held low until after the falling edge of the 10th
SCLK. The device is fully powered up after 1 μs has elapsed and,
as shown in
, valid data results from the next
conversion.
Figure 31
1
10
SCLK
SDATA
THREE-STATE
2
CS
Figure 30. Entering Power-Down Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com