Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7451 Datasheet(PDF) 24 Page - Analog Devices

Part # AD7451
Description  Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7451 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7451 Datasheet HTML 16Page - Analog Devices AD7451 Datasheet HTML 17Page - Analog Devices AD7451 Datasheet HTML 18Page - Analog Devices AD7451 Datasheet HTML 19Page - Analog Devices AD7451 Datasheet HTML 20Page - Analog Devices AD7451 Datasheet HTML 21Page - Analog Devices AD7451 Datasheet HTML 22Page - Analog Devices AD7451 Datasheet HTML 23Page - Analog Devices AD7451 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
AD7441/AD7451
Rev. D | Page 24 of 24
ORDERING GUIDE
Model1
Temperature Range
Linearity Error (LSB)2
Package Description
Package Option
Branding
AD7451ARTZ-REEL7
−40°C to +85°C
± 1.5
8-Lead SOT-23
RJ-8
C3T
AD7451ARMZ
−40°C to +85°C
± 1.5
8-Lead MSOP
RM-8
C3T
AD7451BRMZ
−40°C to +85°C
± 1
8-Lead MSOP
RM-8
C3U
AD7441BRTZ-R2
−40°C to +85°C
± 0.5
8-Lead SOT-23
RJ-8
C4M
AD7441BRTZ-REEL7
−40°C to +85°C
± 0.5
8-Lead SOT-23
RJ-8
C4M
AD7441BRMZ
−40°C to +85°C
± 0.5
8-Lead MSOP
RM-8
C4M
EVAL-AD7451CBZ3
Evaluation Board
EVAL-CONTROL BRD24
Controller Board
1 Z = RoHS Compliant Part.
2 Linearity error here refers to integral nonlinearity error.
3 This can be used as a standalone evaluation board or in conjunction with the evaluation board controller for evaluation/demonstration purposes.
4 The evaluation board controller is a complete unit allowing a PC to control and communicate with all Analog Devices evaluation boards ending in the CB designators.
To order a complete evaluation kit, you must order the ADC evaluation board (EVAL-AD7451CB or EVAL-AD7441CB), the EVAL-CONTROL BRD2, and a 12 V ac
transformer. See the AD7451/AD7441 application note that accompanies the evaluation kit for more information.
©2003–2010 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D03153-0-3/10(D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com