Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM829 Datasheet(PDF) 5 Page - Microchip Technology

Part # TCM829
Description  Switched Capacitor Voltage Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM829 Datasheet(HTML) 5 Page - Microchip Technology

  TCM829 Datasheet HTML 1Page - Microchip Technology TCM829 Datasheet HTML 2Page - Microchip Technology TCM829 Datasheet HTML 3Page - Microchip Technology TCM829 Datasheet HTML 4Page - Microchip Technology TCM829 Datasheet HTML 5Page - Microchip Technology TCM829 Datasheet HTML 6Page - Microchip Technology TCM829 Datasheet HTML 7Page - Microchip Technology TCM829 Datasheet HTML 8Page - Microchip Technology TCM829 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
© 2010 Microchip Technology Inc.
DS21488B-page 5
TCM828/TCM829
2.0
TYPICAL CHARACTERISTICS
Note: Circuit of Figure 5-3, VIN = +5V, C1 = C2 = C3, TA = +25°C, unless otherwise noted.
FIGURE 2-1:
Output Resistance vs.
Supply Voltage.
FIGURE 2-2:
Output Resistance vs.
Temperature.
FIGURE 2-3:
TCM828 – Output Current
vs. Capacitance.
FIGURE 2-4:
TCM829 – Output Current
vs. Capacitance.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified-
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
60
50
40
30
20
0
10
1.5
2.5
3.5
4.5
SUPPLY VOLTAGE (V)
70
TCM829
TCM828
70
60
50
40
30
0
20
10
–40
°C
0
°C
25
°C85°C
TEMPERATURE (
°C)
80
VIN = 1.5V
VIN = 3.3V
VIN = 5.0V
40
35
30
25
20
5
0
15
10
0
10
20
30
40
CAPACITANCE (µF)
V
IN = 4.75V, VOUT = – 4.0V
V
IN = 3.15V, VOUT = – 2.5V
V
IN = 1.9V, VOUT = –1.5V
35
30
25
20
5
0
15
10
0
10
5
15
20
25
35
30
CAPACITANCE (µF)
40
V
IN = 4.75V, V
– = – 4.0V
V
IN = 1.9V, VOUT = – 1.5V
V
IN = 3.15V, V
– = – 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com