Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM829 Datasheet(PDF) 18 Page - Microchip Technology

Part # TCM829
Description  Switched Capacitor Voltage Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM829 Datasheet(HTML) 18 Page - Microchip Technology

Back Button TCM829 Datasheet HTML 14Page - Microchip Technology TCM829 Datasheet HTML 15Page - Microchip Technology TCM829 Datasheet HTML 16Page - Microchip Technology TCM829 Datasheet HTML 17Page - Microchip Technology TCM829 Datasheet HTML 18Page - Microchip Technology TCM829 Datasheet HTML 19Page - Microchip Technology TCM829 Datasheet HTML 20Page - Microchip Technology TCM829 Datasheet HTML 21Page - Microchip Technology TCM829 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
TCM828/TCM829
DS21488B-page 18
© 2010 Microchip Technology Inc.
FIGURE 6-1:
Component Taping Orientation for 5-Pin SOT-23 (EIAJ SC-74A) Devices.
User Direction of Feed
User Direction of Feed
Device
Marking
PIN 1
PIN 1
Standard Reel Component Orientation
TR Suffix Device
(Mark Right Side Up)
Reverse Reel Component Orientation
RT Suffix Device
(Mark Upside Down)
W
P
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
5-Pin SOT-23
8 mm
4 mm
3000
7 in
Carrier Tape, Number of Components Per Reel and Reel Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com