Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM828 Datasheet(PDF) 14 Page - Microchip Technology

Part # TCM828
Description  Switched Capacitor Voltage Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM828 Datasheet(HTML) 14 Page - Microchip Technology

Back Button TCM828 Datasheet HTML 10Page - Microchip Technology TCM828 Datasheet HTML 11Page - Microchip Technology TCM828 Datasheet HTML 12Page - Microchip Technology TCM828 Datasheet HTML 13Page - Microchip Technology TCM828 Datasheet HTML 14Page - Microchip Technology TCM828 Datasheet HTML 15Page - Microchip Technology TCM828 Datasheet HTML 16Page - Microchip Technology TCM828 Datasheet HTML 17Page - Microchip Technology TCM828 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
TCM828/TCM829
DS21488B-page 14
© 2010 Microchip Technology Inc.
5.0.3
CAPACITOR SELECTION
In order to maintain the lowest output resistance and
output ripple voltage, it is recommended that low ESR
capacitors be used. Additionally, larger values of C1 will
lower the output resistance and larger values of C2 will
reduce output ripple. (See Equation 5-1).
Table 5-1 shows various values of C1 and the
corresponding output resistance values @ +25°C. It
assumes a 0.1
Ω ESR
C1 and 2Ω RSW. Table 5-2 shows
the output voltage ripple for various values of C2. The
VRIPPLE values assume 10 mA output load current and
0.1
Ω ESR
C2.
I
5.0.4
INPUT SUPPLY BYPASSING
The VIN input should be capacitively bypassed to
reduce AC impedance and minimize noise effects due
to
the
switching
internal
to
the
device.
The
recommended capacitor depends on the configuration
of the TCM828/TCM829 devices.
If the device is loaded from OUT to GND, it is
recommended that a large value capacitor (at least
equal to C1) be connected from the input to GND. If the
device is loaded from IN to OUT, a small (0.1 µF)
capacitor is sufficient.
5.0.5
VOLTAGE INVERTER
The most common application for charge pump
devices is the inverter (Figure 5-3). This application
uses two external capacitors – C1 and C2 (plus a
power supply bypass capacitor, if necessary). The
output is equal to V–IN plus any voltage drops, due to
loading. Refer to Table 5-1 and Table 5-1 for capacitor
selection.
FIGURE 5-3:
Test Circuit.
5.0.6
CASCADING DEVICES
Two or more TCM828/829 devices can be cascaded to
increase output voltage (Table 5-4). If the output is
lightly loaded, it will be close to (– 2 x VIN) but will droop
at least by ROUT of the first device multiplied by the IQ
of the second. It can be seen that the output resistance
rises rapidly for multiple cascaded devices. For large
negative voltage requirements see the TC682 or
TCM680 data sheets.
FIGURE 5-4:
Cascading TCM828 or
TCM829 Devices to Increase Output Voltage.
TABLE 5-1:
OUTPUT RESISTANCE VS. C1
(ESR = 0.1
Ω)
C1 (µF)
TCM828 ROUT (Ω)
TCM829 ROUT (Ω)
0.1
850
302
1
100
45
3.3
42
25
10
25
19
47
18
17
100
17
17
TABLE 5-2:
OUTPUT VOLTAGE RIPPLE
VS. C2 (ESR = 0.1
Ω) IOUT
10MA
C2 (µF)
TCM828 VRIPPLE
(mV)
TCM829 ROUT (Ω)
1
835
286
3.3
254
88
10
85
31
47
20
8
100
10
5
3
2
4
5
1
C3
3.3 µF*
C1
3.3 µF*
C2
3.3 µF*
VOUT
VOUT
RL
C1-
IN
OUT
C1+
GND
Voltage Inverter
*10 µF (TCM828)
C1
C1
C2
5
5
4
3
4
1
2
2
1
3
C2
V+IN
VOUT
VOUT =-nVIN
"1"
"n"
. . .
. . .
TCM828/
TCM829
TCM828/
TCM829



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com