Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM828 Datasheet(PDF) 1 Page - Microchip Technology

Part # TCM828
Description  Switched Capacitor Voltage Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM828 Datasheet(HTML) 1 Page - Microchip Technology

  TCM828 Datasheet HTML 1Page - Microchip Technology TCM828 Datasheet HTML 2Page - Microchip Technology TCM828 Datasheet HTML 3Page - Microchip Technology TCM828 Datasheet HTML 4Page - Microchip Technology TCM828 Datasheet HTML 5Page - Microchip Technology TCM828 Datasheet HTML 6Page - Microchip Technology TCM828 Datasheet HTML 7Page - Microchip Technology TCM828 Datasheet HTML 8Page - Microchip Technology TCM828 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
© 2010 Microchip Technology Inc.
DS21488B-page 1
TCM828/TCM829
Features
• Charge Pump in 5-Pin SOT-23 Package
• >95% Voltage Conversion Efficiency
• Voltage Inversion and/or Doubling
• Low 50 µA (TCM828) Quiescent Current
• Operates from +1.5V to +5.5V
• Up to 25 mA Output Current
• Only Two External Capacitors Required
Applications
• LCD Panel Bias
• Cellular Phones
• Pagers
• PDAs, Portable Dataloggers
• Battery-Powered Devices
Typical Application Circuit
Description
The TCM828/TCM829 devices are CMOS “charge-
pump” voltage converters in ultra-small, 5-Pin SOT-23
packages. They invert and/or double an input voltage
which can range from +1.5V to +5.5V. Conversion
efficiency is typically >95%. Switching frequency is
12 kHz for the TCM828, and 35 kHz for the TCM829.
External component requirement is only two capacitors
(3.3 µF
nominal)
for
standard
voltage
inverter
applications. With a few additional components, a
positive doubler can also be built. All other circuitry,
including control, oscillator and power MOSFETs, are
integrated on-chip. Supply current is 50 µA (TCM828)
and 115 µA (TCM829).
The TCM828 and TCM829 devices are available in a
5-Pin SOT-23 surface mount package.
Package Type
Ordering Information
VIN
V-
OUTPUT
C+
C-
C1
C2
INPUT
GND
Voltage Inverter
OUT
Part No.
Package
Temperature
Range
TCM828ECT
5-Pin SOT-23
-40°C to +85°C
TCM828VT
5-Pin SOT-23
-40°C to +125°C
TCM829ECT
5-Pin SOT-23
-40°C to +85°C
Note:
5-Pin SOT-23 is equivalent to EIAJ
SC-74A.
C+
1
2
3
5
GND
4
C-
OUT
VIN
TCM828/TCM829
SOT-23
Switched Capacitor Voltage Converters


Similar Part No. - TCM828

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TCM828 MICROCHIP-TCM828 Datasheet
75Kb / 9P
Switched Capacitor Voltage Converters
2001
TCM828 MICROCHIP-TCM828 Datasheet
71Kb / 9P
Switched Capacitor Voltage Converters
5/22/00
TCM828ECT MICROCHIP-TCM828ECT Datasheet
75Kb / 9P
Switched Capacitor Voltage Converters
2001
TCM828ECT MICROCHIP-TCM828ECT Datasheet
71Kb / 9P
Switched Capacitor Voltage Converters
5/22/00
TCM828ECT713 MICROCHIP-TCM828ECT713 Datasheet
71Kb / 9P
Switched Capacitor Voltage Converters
5/22/00
More results

Similar Description - TCM828

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAX828 ONSEMI-MAX828 Datasheet
173Kb / 12P
Switched Capacitor Voltage Converters
February, 2000 ??Rev. 0
logo
Analog Devices
ADM660 AD-ADM660 Datasheet
111Kb / 8P
CMOS Switched-Capacitor Voltage Converters
REV.A
logo
Maxim Integrated Produc...
MAX1044 MAXIM-MAX1044 Datasheet
116Kb / 12P
Switched-Capacitor Voltage Converters
19-4667; Rev 1; 7/94
logo
Microchip Technology
TCM828 MICROCHIP-TCM828 Datasheet
75Kb / 9P
Switched Capacitor Voltage Converters
2001
TCM829ECT713 MICROCHIP-TCM829ECT713 Datasheet
378Kb / 26P
Switched Capacitor Voltage Converters
07/15/10
logo
Analog Devices
ADM660ARZ-REEL7 AD-ADM660ARZ-REEL7 Datasheet
288Kb / 12P
CMOS Switched-Capacitor Voltage Converters
REV. B
logo
Microchip Technology
TCM828ECT713 MICROCHIP-TCM828ECT713 Datasheet
71Kb / 9P
Switched Capacitor Voltage Converters
5/22/00
logo
Analog Devices
ADM660 AD-ADM660_15 Datasheet
179Kb / 11P
CMOS Switched-Capacitor Voltage Converters
REV. C
ADM8660 AD-ADM8660_15 Datasheet
179Kb / 11P
CMOS Switched-Capacitor Voltage Converters
REV. C
logo
Maxim Integrated Produc...
MAX1044 MAXIM-MAX1044_V01 Datasheet
1Mb / 14P
Switched-Capacitor Voltage Converters
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com