Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM828VT Datasheet(PDF) 3 Page - Microchip Technology

Part # TCM828VT
Description  Switched Capacitor Voltage Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM828VT Datasheet(HTML) 3 Page - Microchip Technology

  TCM828VT Datasheet HTML 1Page - Microchip Technology TCM828VT Datasheet HTML 2Page - Microchip Technology TCM828VT Datasheet HTML 3Page - Microchip Technology TCM828VT Datasheet HTML 4Page - Microchip Technology TCM828VT Datasheet HTML 5Page - Microchip Technology TCM828VT Datasheet HTML 6Page - Microchip Technology TCM828VT Datasheet HTML 7Page - Microchip Technology TCM828VT Datasheet HTML 8Page - Microchip Technology TCM828VT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
© 2010 Microchip Technology Inc.
DS21488B-page 3
TCM828/TCM829
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
Input Voltage (VIN to GND) ..................................+30V
Output Voltage (OUT to GND) ...................6.0V, +0.3V
Current at OUT Pin ............................................ 50 mA
Short-Circuit Duration – OUT to GND ............Indefinite
Operating Temperature Range ................ -40°C to +85°C
Variable Temp. Range (TCM828 only) ...............................
.............................................................................-
40°C to +125°C
Power Dissipation (TA ≤ 70°C) ........................ 240 mW
Storage Temperature (Unbiased)..........-65°C to +150°C
Lead Temperature (Soldering, 10 sec)............ +300°C
† Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operational listings of this specification
is not implied. Exposure to maximum rating conditions
for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS (0°C TO +85°C)
Electrical Specifications: TA = 0°C to +85°C, VIN = +5V, C1 = C2 = 10 µF (TCM828), C1 = C2 = 3.3 µF (TCM829),
unless otherwise noted. Typical values are at TA = +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Supply Current
IDD
—50
90
µA
TCM828, TA = +25°C
—
115
260
µA
TCM829, TA = +25°C
Minimum Supply
Voltage
V+
1.5
—
—
V
RLOAD = 10 kΩ,
TA = 0°C to +85°C
Maximum Supply
Voltage
V+
——
5.5
V
RLOAD = 10 kΩ
Oscillator Frequency
FOSC
8.4
12
15.6
kHz
TCM828, TA = +25°C
24.5
35
45.5
kHz
TCM829, TA = +25°C
Power Efficiency
PEFF
—96
—
%
ILOAD = 3 mA,TA = +25°C
Voltage Conversion
Efficiency
VEFF
95
99.9
—
%
RLOAD = ∞
Output Resistance
ROUT
—25
50
Ω
IOUT = 5 mA,TA = +25°C
——
65
Ω
IOUT = 5 mA,TA = 0°C to +85°C
Note 1:
Capacitor contribution is approximately 20% of the output impedance [ESR = 1/pump frequency x
capacitance)].
ELECTRICAL CHARACTERISTICS (-40°C TO +85°C)
Electrical Specifications: TA = -40°C to +85°C, VIN = +5V, C1 = C2 = 10 µF (TCM828), C1 = C2 = 3.3 µF
(TCM829), unless otherwise noted. Typical values are at TA = +25°C. (Note 1)
Parameters
Sym
Min
Typ
Max
Units
Conditions
Supply Current
IDD
——
115
µA
TCM828
—
—
325
µA
TCM829
Supply Voltage Range
V+
1.5
—
5.5
V
RLOAD = 10 kΩ
Oscillator Frequency
FOSC
6—
15.6
kHz
TCM828
19
—
45.5
kHz
TCM829
Output Resistance
ROUT
——
65
Ω
IOUT = 5 mA
Note 1:
All -40°C to +85°C specifications above are assured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com