Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM828VT Datasheet(PDF) 6 Page - Microchip Technology

Part # TCM828VT
Description  Switched Capacitor Voltage Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM828VT Datasheet(HTML) 6 Page - Microchip Technology

Back Button TCM828VT Datasheet HTML 2Page - Microchip Technology TCM828VT Datasheet HTML 3Page - Microchip Technology TCM828VT Datasheet HTML 4Page - Microchip Technology TCM828VT Datasheet HTML 5Page - Microchip Technology TCM828VT Datasheet HTML 6Page - Microchip Technology TCM828VT Datasheet HTML 7Page - Microchip Technology TCM828VT Datasheet HTML 8Page - Microchip Technology TCM828VT Datasheet HTML 9Page - Microchip Technology TCM828VT Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
TCM828/TCM829
DS21488B-page 6
© 2010 Microchip Technology Inc.
Note:Circuit of Figure 5-3, VIN = +5V, C1 = C2 = C3, TA = +25°C, unless otherwise noted.
FIGURE 2-5:
TCM828 – Output Voltage
Ripple vs. Capacitance.
FIGURE 2-6:
TCM829 – Output Voltage
Ripple vs. Capacitance.
FIGURE 2-7:
Supply Current vs. Supply
Voltage.
FIGURE 2-8:
TCM828 – Pump Frequency
vs. Temperature.
FIGURE 2-9:
TCM829 – Pump Frequency
vs. Temperature.
FIGURE 2-10:
Output Voltage vs. Output
Current.
450
400
350
300
250
50
0
200
150
100
0
10
525
20
25
30
35
CAPACITANCE (µF)
V
IN = 4.75V, VOUT = – 4.0V
V
IN = 3.15V, VOUT = – 2.5V
V
IN = 1.9V, VOUT = – 1.5V
0
10
515
20
30
35
CAPACITANCE (µF)
300
250
200
150
100
50
0
V
IN = 4.75V, VOUT = – 4.0V
V
IN = 3.15V, VOUT = – 2.5V
V
IN = 1.9V, VOUT = – 1.5V
100
80
60
40
20
0
1.5
2.5
3
2
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
120
TCM829
TCM828
14
12
10
8
2
0
6
4
–40
0
°C25°C85°C
TEMPERATURE (
°C)
5
V
IN = 5.0V
V
IN = 3.3V
V
IN = 1.5V
–40
°C0°C25°C85°C
40
30
35
20
15
25
0
10
5
TEMPERATURE (
°C)
45
V
IN = 5.0V
V
IN = 3.3V
V
IN = 1.5V
–1
–2
–3
–4
–5
–6
020
30
10
40
50
OUTPUT CURRENT (mA)
p
0
V
IN = 2.0V
V
IN = 3.3V
V
IN = 5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com