Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4618V Datasheet(PDF) 11 Page - Linear Technology

Part # LTM4618V
Description  6A DC/DC 關Module Regulator with Tracking and Frequency Synchronization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4618V Datasheet(HTML) 11 Page - Linear Technology

Back Button LTM4618V Datasheet HTML 7Page - Linear Technology LTM4618V Datasheet HTML 8Page - Linear Technology LTM4618V Datasheet HTML 9Page - Linear Technology LTM4618V Datasheet HTML 10Page - Linear Technology LTM4618V Datasheet HTML 11Page - Linear Technology LTM4618V Datasheet HTML 12Page - Linear Technology LTM4618V Datasheet HTML 13Page - Linear Technology LTM4618V Datasheet HTML 14Page - Linear Technology LTM4618V Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTM4618
11
4618f
APPLICATIONS INFORMATION
Output Capacitors
The LTM4618 is designed for low output voltage ripple
noise. The bulk output capacitors defined as COUT are
chosen with low enough effective series resistance (ESR) to
meet the output voltage ripple and transient requirements.
COUT can be a low ESR tantalum capacitor, a low ESR
polymer capacitor or ceramic capacitor. The typical output
capacitance range is from 100μF to 300μF. Additional output
filtering may be required by the system designer if further
reduction of output ripple or dynamic transient spikes is
required. Table 4 shows a matrix of different output voltages
and output capacitors to minimize the voltage droop and
overshoot during a 3A/μs transient. The table optimizes the
total equivalent ESR and total bulk capacitance to optimize
the transient performance. Stability criteria are considered
in the Table 4 matrix, and the Linear Technology μModule
Power Design Tool is available for stability analysis. Mul-
tiphase operation will reduce effective output ripple as a
function of the number of phases. Application Note 77
discusses this noise reduction versus output ripple cur-
rent cancellation, but the output capacitance should be
considered carefully as a function of stability and transient
response. The Linear Technology μModule Power Design
Tool can calculate the output ripple reduction as the number
of implemented phases increases by N times.
Mode Selections and Phase-Locked Loop
The LTM4618 can be enabled to enter high efficiency
Burst Mode operation, constant-frequency, pulse-skipping
mode, or forced continuous conduction mode. To select
the forced continuous operation, tie the MODE/PLLIN pin
to ground. To select pulse-skipping mode of operation,
tie the MODE/PLLIN pin to INTVCC. To select Burst Mode
operation, float the pin.
A phase-locked loop (PLL) is available on the LTM4618
to synchronize the internal oscillator to an external clock
source that is connected to the MODE/PLLIN pin. The
incoming clock should be applied before the regulator’s
RUN pin is enabled.
Frequency Selection
The switching frequency of the LTM4618’s controller can
be selected using a DC voltage. If the MODE/PLLIN pin
is not being driven by an external clock source, the FREQ
pin can program the controller’s operating frequency
from 250kHz to 780kHz by connecting a resistor divider
as shown in Figure 21. The typical frequency is 750kHz.
But if the minimum on-time is reached, a lower frequency
needs to be set to increase the turn-on time. Otherwise, a
significant amount of cycle skipping can occur with cor-
respondingly larger ripple current and voltage ripple.
FREQ PIN VOLTAGE (V)
0
0.5
1
1.5
2
4618 F03
2.5
0
100
300
400
500
900
800
700
200
600
Figure 3. Relationship Between Switching
Frequency and Voltage at the FREQ Pin
Frequency Synchronization
The MODE/PLLIN pin allows the LTM4618 to be synchro-
nized to an external clock (between 400kHz to 780kHz)
and the internal phase-locked loop allows the LTM4618
to lock onto input clock phase as well. The FREQ pin has
the onboard loop filter for the PLL. The incoming clock
must be applied before the RUN pin is enabled. For ap-
plications powering the clock source from the LTM4618’s
INTVCC, the RUN pin has to be enabled in order to acti-
vate INTVCC for the clock source. In this situation (see
Figure 22) the TK/SS pin can be used to soft-start the
regulator for 100ms using a ≈ 0.22μF capacitor. This will
allow the regulator to synchronize to the right frequency
before the regulator’s inductor ripple current peaks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com