Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4618V Datasheet(PDF) 2 Page - Linear Technology

Part # LTM4618V
Description  6A DC/DC 關Module Regulator with Tracking and Frequency Synchronization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4618V Datasheet(HTML) 2 Page - Linear Technology

  LTM4618V Datasheet HTML 1Page - Linear Technology LTM4618V Datasheet HTML 2Page - Linear Technology LTM4618V Datasheet HTML 3Page - Linear Technology LTM4618V Datasheet HTML 4Page - Linear Technology LTM4618V Datasheet HTML 5Page - Linear Technology LTM4618V Datasheet HTML 6Page - Linear Technology LTM4618V Datasheet HTML 7Page - Linear Technology LTM4618V Datasheet HTML 8Page - Linear Technology LTM4618V Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTM4618
2
4618f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, SW...................................................... –0.3V to 28V
INTVCC, RUN, EXTVCC, PGOOD .................... –0.3V to 6V
COMP, VFB ................................................. –0.3V to 2.7V
MODE/PLLIN, TK/SS,
FREQ..................................................... –0.3V to INTVCC
VOUT............................................................... 0.8V to 5V
Operating Junction Temperature Range
(Note 2)..................................................–40°C to 125°C
Storage Temperature Range................... –55°C to 125°C
Peak Package Body Temperature .......................... 250°C
(Note 1)
BC
DE
F
G
H
J
K
L
A
TK/SS COMP
PGOOD
VFB
INTVCC
M
1
2
3
4
5
6
7
LGA PACKAGE
84-LEAD (15mm
9mm
4.32mm)
TOP VIEW
VIN
VOUT
PGND
SW
EXTVCC
FREQ
RUN
MODE/
PLLIN
SGND/PGND
ΘJA = 16°C/W, ΘJCtop = 15°C/W, ΘJCbottom = 4°C/W, WEIGHT = 2.3g,
θJB + θBA = 16°C/W, θBA = BOARD-TO-AMBIENT RESISTANCE,
θ VALUES DEFINED PER JESD51-12
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN(DC)
Input DC Voltage
(Note 5)
l
4.5
26.5
V
VOUT(DC)
Output Voltage Total Variation with
Line and Load
CIN = 10μF ×2, RFB = 28.0kΩ
COUT = 100μF ×3 X7R Ceramic
MODE/PLLIN = 0V, VFREQ = 2.4V
VIN = 6V to 26.5V, IOUT = 0A to 6A (Note 4)
l
2.476
2.52
2.557
V
Input Specifications
VIN(UVLO)
Undervoltage Lockout Thresholds
VINTVCC Rising
VINTVCC Falling
2.00
1.85
2.20
2.00
2.35
2.15
V
V
IINRUSH(VIN)
Input Inrush Current at Start-Up
IOUT = 0A, CIN = 10μF ×2, COUT = 100μF ×3
VOUT = 2.5V
VIN = 12V
VIN = 26.5V
0.3
0.2
A
A
LEAD FREE FINISH
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTM4618EV#PBF
LTM4618V
84-Lead (15mm
× 9mm × 4.32mm) LGA
–40°C to 125°C
LTM4618IV#PBF
LTM4618V
84-Lead (15mm
× 9mm × 4.32mm) LGA
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://www.linear.com/packaging/
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C (Note 2), VIN = 12V, per typical application in Figure 21.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com