Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM19LE Datasheet(PDF) 8 Page - Schurter Inc.

Part # MSM19LE
Description  Vandal-proof MSM switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSM19LE Datasheet(HTML) 8 Page - Schurter Inc.

Back Button MSM19LE Datasheet HTML 4Page - Schurter Inc. MSM19LE Datasheet HTML 5Page - Schurter Inc. MSM19LE Datasheet HTML 6Page - Schurter Inc. MSM19LE Datasheet HTML 7Page - Schurter Inc. MSM19LE Datasheet HTML 8Page - Schurter Inc. MSM19LE Datasheet HTML 9Page - Schurter Inc. MSM19LE Datasheet HTML 10Page - Schurter Inc. MSM19LE Datasheet HTML 11Page - Schurter Inc. MSM19LE Datasheet HTML 12Page - Schurter Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
SCHURTER GmbH
D – 79346 Endingen
www.schurter.com
Actuator tolerance range
The mounting range tolerance of the actuator varies from 0.2mm projection length and 0.2mm short
length to the housing edge. The slanting position of the actuator can range within this tolerance.
Hole dimensions
MSM16 ST
MSM16 LE
MSM19 ST / MSM19 RI
MSM19 LE/ MSM19 PI
MSM22 ST / MSM22 RI
MSM22 LE/ MSM22 PI
MSM30 ST / MSM30 RI
MSM30 LE / MSM 30 PI
Changes that contribute to technical improvement are subject to alternations
Page
Production date:
Produced by:
Modification date: Modified by:
Modification No. Data sheet No.
Index
8 of 17
05.11.2004
Ullmer
26.04.2006
Birmelin
9224
105.9502
f
Print date: 26.04.2006 11:47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com