Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM19LE Datasheet(PDF) 1 Page - Schurter Inc.

Part # MSM19LE
Description  Vandal-proof MSM switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSM19LE Datasheet(HTML) 1 Page - Schurter Inc.

  MSM19LE Datasheet HTML 1Page - Schurter Inc. MSM19LE Datasheet HTML 2Page - Schurter Inc. MSM19LE Datasheet HTML 3Page - Schurter Inc. MSM19LE Datasheet HTML 4Page - Schurter Inc. MSM19LE Datasheet HTML 5Page - Schurter Inc. MSM19LE Datasheet HTML 6Page - Schurter Inc. MSM19LE Datasheet HTML 7Page - Schurter Inc. MSM19LE Datasheet HTML 8Page - Schurter Inc. MSM19LE Datasheet HTML 9Page - Schurter Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SCHURTER GmbH
D – 79346 Endingen
www.schurter.com
Product manual
Vandal-proof MSM switches
CONTENTS
1. DESCRIPTION
2. DATA AND DIMENSIONAL DRAWINGS
2.1. Data
2.2. Dimensions Mounting Diameter 16mm
Dimensions Mounting Diameter 19mm
Dimensions Mounting Diameter 22mm
Dimensions Mounting Diameter 30mm
2.3. Actuator tolerance range
2.4. Cut out
2.5. Tightening torque
2.6. Switching_symbols
2.7. Accessories
3. ORDER NUMBER
3.1. Lettering
4. PACKAGING
5. QUALIFICATION TESTS
5.1. IP degree of protection
5.2. IK protection class
5.3. Salt spray test
6. Approvals
7. ROHS COMPLIANT
Changes that contribute to technical improvement are subject to alternations
Page
Production date:
Produced by:
Modification date: Modified by:
Modification No. Data sheet No.
Index
1 of 17
05.11.2004
Ullmer
26.04.2006
Birmelin
9224
105.9502
f
Print date: 26.04.2006 11:47


Similar Part No. - MSM19LE

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MSM19 SCHURTER-MSM19 Datasheet
914Kb / 9P
Metal Switch Medium Stroke, Switching Voltage up to 250 VAC
MSM19 SCHURTER-MSM19 Datasheet
912Kb / 9P
Metal Switch Medium Stroke, Switching Voltage up to 250 VAC
08.07.2021
logo
Littelfuse
MSM190W6 LITTELFUSE-MSM190W6 Datasheet
177Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
logo
Schurter Inc.
MSM19DPLE SCHURTER-MSM19DPLE Datasheet
660Kb / 17P
Vandal-proof MSM DP switch
MSM19DPPI SCHURTER-MSM19DPPI Datasheet
660Kb / 17P
Vandal-proof MSM DP switch
More results

Similar Description - MSM19LE

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MSM19DPST SCHURTER-MSM19DPST Datasheet
660Kb / 17P
Vandal-proof MSM DP switch
logo
Magnetrol International...
A10-1E2D-HM7 MAGNETROL-A10-1E2D-HM7 Datasheet
829Kb / 40P
Liquid Level and Proof-er짰 Switches
logo
List of Unclassifed Man...
AV090003A940N ETC-AV090003A940N Datasheet
1Mb / 31P
Anti-vandal and security pushbutton switches
logo
C&K Components
TFS CK-COMPONENTS-TFS Datasheet
368Kb / 8P
Splash Proof Miniature Snap-acting Switches
logo
Schurter Inc.
MSM SCHURTER-MSM Datasheet
81Kb / 1P
Protection cover for MSM 19 and MSM 22
logo
Taoglas antenna solutio...
MA520.A.BC.008 TAOGLAS-MA520.A.BC.008 Datasheet
2Mb / 23P
Low Profile and Vandal Proof
logo
World Produts Inc.
WPANT30140 WPI-WPANT30140 Datasheet
225Kb / 4P
ISM Body Mount Vandal Proof Antenna
WPANT30146 WPI-WPANT30146 Datasheet
91Kb / 2P
4G Cellular Body Mount Vandal Proof Antenna
WPANT30155 WPI-WPANT30155 Datasheet
90Kb / 2P
ISM & GPS Body Mount Vandal Proof Antenna
logo
TE Connectivity Ltd
AVH TEC-AVH Datasheet
499Kb / 5P
AVH Series ?밃nti-Vandal High Current Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com