Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM19PI Datasheet(PDF) 14 Page - Schurter Inc.

Part # MSM19PI
Description  Vandal-proof MSM switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSM19PI Datasheet(HTML) 14 Page - Schurter Inc.

Back Button MSM19PI Datasheet HTML 9Page - Schurter Inc. MSM19PI Datasheet HTML 10Page - Schurter Inc. MSM19PI Datasheet HTML 11Page - Schurter Inc. MSM19PI Datasheet HTML 12Page - Schurter Inc. MSM19PI Datasheet HTML 13Page - Schurter Inc. MSM19PI Datasheet HTML 14Page - Schurter Inc. MSM19PI Datasheet HTML 15Page - Schurter Inc. MSM19PI Datasheet HTML 16Page - Schurter Inc. MSM19PI Datasheet HTML 17Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
SCHURTER GmbH
D – 79346 Endingen
www.schurter.com
MSM30 LE / MSM30 PI:
Single characters: height 12 mm, font: Helvetica normal DIN1451-1E
Text, max. 3 characters: height 7 mm, font: Helvetica normal DIN1451-1E
Text, max. 6 characters: height 3.5 mm, font: Helvetica condensed DIN1451-3E
Symbols (indices 037-052): capitals height 12 mm, font: True Type, Symbol
4 PACKAGING
MSM switch
MSM 16
10 pieces per box with inlay
MSM 19
10 pieces per box with inlay
MSM 22
10 pieces per box with inlay
MSM 30
Air cushion bag 1 pieces
10 pieces per box
The nuts with gaskets and corresponding micro switches are packed separately, and enclosed in
the box.
Changes that contribute to technical improvement are subject to alternations
Page
Production date:
Produced by:
Modification date: Modified by:
Modification No. Data sheet No.
Index
14 of 17
05.11.2004
Ullmer
26.04.2006
Birmelin
9224
105.9502
f
Print date: 26.04.2006 11:47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com